Electronic Components Datasheet Search
  English  ▼

X  

MSM6599 Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM6599
Description  80-DOT SEGMENT DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6599 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM6599 Datasheet HTML 3Page - OKI electronic componets MSM6599 Datasheet HTML 4Page - OKI electronic componets MSM6599 Datasheet HTML 5Page - OKI electronic componets MSM6599 Datasheet HTML 6Page - OKI electronic componets MSM6599 Datasheet HTML 7Page - OKI electronic componets MSM6599 Datasheet HTML 8Page - OKI electronic componets MSM6599 Datasheet HTML 9Page - OKI electronic componets MSM6599 Datasheet HTML 10Page - OKI electronic componets MSM6599 Datasheet HTML 11Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MSM6599B
¡ Semiconductor
9/11
•V1, V3, V4, VEE
Bias supply voltage pins used to drive the LCD. Use an external bias voltage supply for
driving the LCD
•O1 - O80
Output pins for the 4-level driver that directly correspond to each bit of the 80-bit latch (II)
contents. One of V1, V3, V4 and VEE is selected and output by a combination of latched content
and DF signals. See the "Truth Table". Connect this output to the segment side of the LCD.
• DISP OFF
Input pin to control O1 to O80 outputs. The V1 level is output from O1 to O80 pins regardless
of the display data during "L" level input. See the "Truth Table".
Truth Table
DF
L
L
H
H
X
Latch Data
L
H
L
H
X
DISPOFF
H
H
H
H
L
Driver Output (O1 to O80)
V3
V1
V4
VEE
V1
X : Don't Care
NOTES ON USE
Precautions when turning power ON/OFF:
The LCD drivers of this IC require a high voltage. For this reason, if a high voltage is applied to
the LCD drivers with the logic power supply floating, excess current flows. This may damage
the IC.
Be sure to follow the sequence below when turning the power ON or OFF.
Power ON : Logic circuits ON Æ LCD drivers ON, or both ON at a time
Power OFF : LCD drivers OFF Æ logic circuits OFF, or both OFF at a time



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com