Electronic Components Datasheet Search
  English  ▼

X  

MSM6599 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM6599
Description  80-DOT SEGMENT DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6599 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM6599 Datasheet HTML 1Page - OKI electronic componets MSM6599 Datasheet HTML 2Page - OKI electronic componets MSM6599 Datasheet HTML 3Page - OKI electronic componets MSM6599 Datasheet HTML 4Page - OKI electronic componets MSM6599 Datasheet HTML 5Page - OKI electronic componets MSM6599 Datasheet HTML 6Page - OKI electronic componets MSM6599 Datasheet HTML 7Page - OKI electronic componets MSM6599 Datasheet HTML 8Page - OKI electronic componets MSM6599 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MSM6599B
¡ Semiconductor
1/11
GENERAL DESCRIPTION
The MSM6599B is a dot matrix LCD segment driver LSI which consists of two 80-bit latches, an
80-bit level shifter and an 80-bit 4-level driver.
It latches the 4-bit parallel display data transferred from a microcomputer or LCD controller LSI,
then outputs the LCD driving waveform to the LCD.
FEATURES
• Supply voltage
: 4.5 to 5.5 V
• LCD driving voltage
: 18 to 28 V
• Applicable LCD duty
: 1/64 to 1/256
• LCD output
: 80
• Because of 4-bit parallel transfers, the transfer speed is 1/4 that of conventional serial transfer,
insuring low power consumption.
• Applicable common driver
: MSM6698 (80 outputs)
• Package options:
100-pin plastic QFP (QFP100-P-1420-0.65-K) (Product name : MSM6599B GS-K)
100-pin plastic QFP(QFP100-P-1420-0.65-BK) (Product name : MSM6599B GS-BK)
¡ Semiconductor
MSM6599B
80-DOT SEGMENT DRIVER
E2B0024-27-Y2
This version: Nov. 1997
Previous version: Mar. 1996


Similar Part No. - MSM6599

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6595 OKI-MSM6595 Datasheet
165Kb / 13P
1-Mbit Serial Voice ROM
MSM6595A OKI-MSM6595A Datasheet
165Kb / 13P
1-Mbit Serial Voice ROM
MSM6595A-XXX OKI-MSM6595A-XXX Datasheet
165Kb / 13P
1-Mbit Serial Voice ROM
MSM6596A OKI-MSM6596A Datasheet
170Kb / 13P
2-Mbit Serial Voice ROM
MSM6596A-XXX OKI-MSM6596A-XXX Datasheet
170Kb / 13P
2-Mbit Serial Voice ROM
More results

Similar Description - MSM6599

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6416 NJRC-NJU6416 Datasheet
283Kb / 9P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER?
NJU6445 NJRC-NJU6445 Datasheet
331Kb / 10P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER???
NJU6446 NJRC-NJU6446 Datasheet
334Kb / 10P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER???
logo
OKI electronic componet...
MSM5260 OKI-MSM5260 Datasheet
140Kb / 12P
80-DOT COMMON/SEGMENT DRIVER
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299A OKI-MSM5299A Datasheet
130Kb / 11P
80-DOT LCD SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299C OKI-MSM5299C Datasheet
124Kb / 11P
80-DOT LCD SEGMENT DRIVER
MSM6669 OKI-MSM6669 Datasheet
70Kb / 9P
80-DOT LCD SEGMENT DRIVER
logo
New Japan Radio
NJU6416FC1 NJRC-NJU6416FC1 Datasheet
289Kb / 9P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com