Electronic Components Datasheet Search
  English  ▼

X  

FXLP4555 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FXLP4555
Description  SIM Card Power Supply and Level Shifter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FXLP4555 Datasheet(HTML) 4 Page - ON Semiconductor

  FXLP4555 Datasheet HTML 1Page - ON Semiconductor FXLP4555 Datasheet HTML 2Page - ON Semiconductor FXLP4555 Datasheet HTML 3Page - ON Semiconductor FXLP4555 Datasheet HTML 4Page - ON Semiconductor FXLP4555 Datasheet HTML 5Page - ON Semiconductor FXLP4555 Datasheet HTML 6Page - ON Semiconductor FXLP4555 Datasheet HTML 7Page - ON Semiconductor FXLP4555 Datasheet HTML 8Page - ON Semiconductor FXLP4555 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXLP4555 • Rev. 1.0.0
3
Pin Configuration
16
15
14
13
1
2
3
4
12
11
10
9
8
7
6
5
FXLP4555
Exposed DAP
(GND)
EN
VSEL
VCCA
NC
RST_C
GND
CLK_C
NC
Figure 3. Pin Assignments (Top View)
Pin Definitions
Pin
Name
Type
Description
1
EN
INPUT
Power-Down Mode. EN=LOW
→ low-current Shutdown Mode activated. EN=HIGH →
normal operation. A LOW level on this pin resets the SIM interface, switching off the
VCC_C.
2
VSEL
INPUT
The signal present on this pin programs the SIM_VCC value:
VSEL=LOW
→ SIM_VCC=1.8V; VSEL=HIGH → SIM_VCC=3V.
3
VCCA
POWER
Connected to the baseband power supply; this pin configures the level shifter input
stage to accept signals from the baseband. A 0.1µF capacitor is used to bypass the
power supply voltage. When VCCA is below 1.1V (typical), the VCC_C (SIM Card VCC) is
disabled and FXLP4555 enters Shutdown Mode.
4
NC
No connect. It is recommended to solder to PCB GND.
5
VBAT
POWER
LDO converter supply input. The input voltage ranges from 2.7V to 5.5V. This pin
needs to be bypassed by a 0.1µF capacitor.
6
NC
No connect. It is recommended to solder to PCB GND.
7
VCC_C
POWER
Connected to the SIM card power supply pin. An internal LDO converter is
programmable by the external baseband to supply either 1.8V or 3.0V output voltage.
An external 1.0µF minimum ceramic capacitor must be connected across VCC_C and
GND. During a normal operation, the VCC_C voltage can be set to 1.8V, followed by a
3.0V value, or can start directly at either of these values.
8
I/O_C
INPUT/
OUTPUT
Handles the connection to the serial I/O of the card connector. A bi-directional level
translator adapts the serial I/O signal between the card and the baseband. A 14k
Ω
(typical) pull-up resistor provides a high-impedance state for the SIM card I/O link.
9
RST_C
OUTPUT
Connected to the RESET pin of the card connector. A level translator adapts the
external reset (RST) signal to the SIM card.
10
GND
GROUND
Ground reference for the integrated circuit and associated signals. Care must be
taken to avoid voltage spikes when the device operates in normal operation.
11
CLK_C
OUTPUT
Connected to the CLOCK pin of the card connector. The CLOCK (CLK) signal comes
from the external clock generator; the internal level shifter adapts the voltage defined
for the VCC_C.
12
NC
No connect. It is recommended to solder to PCB GND.
13
CLK_H
INPUT
The clock signal, coming from the external controller, must have a duty cycle within
the range defined by the specification (typically 50%). The built-in level shifter
translates the input signal to the external SIM card CLK input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com