Electronic Components Datasheet Search
  English  ▼

X  

FXLP4555 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FXLP4555
Description  SIM Card Power Supply and Level Shifter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FXLP4555 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FXLP4555 Datasheet HTML 3Page - ON Semiconductor FXLP4555 Datasheet HTML 4Page - ON Semiconductor FXLP4555 Datasheet HTML 5Page - ON Semiconductor FXLP4555 Datasheet HTML 6Page - ON Semiconductor FXLP4555 Datasheet HTML 7Page - ON Semiconductor FXLP4555 Datasheet HTML 8Page - ON Semiconductor FXLP4555 Datasheet HTML 9Page - ON Semiconductor FXLP4555 Datasheet HTML 10Page - ON Semiconductor FXLP4555 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXLP4555 • Rev. 1.0.0
6
Electrical Characteristics
TA=-40°C to +85°C. Device meets the specifications after thermal equilibrium has been established when mounted in
a test socket or printed circuit board with maintained transverse airflow greater than 500lfpm. Electrical parameters
are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding
these conditions is not implied. Device specification limit values are applied individually under normal operating
conditions and not valid simultaneously.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Power Supply Section
VBAT
Power Supply
2.7
5.5
V
I VBAT
Operating Current
ICC=0mA, VBAT > 3.0V if VSEL=1 or
VBAT > 2.7V if VSEL=0
16
25
µA
I VBAT_SD
Shutdown Current
EN=Low
3
µA
VCCA
Operating Voltage
1.65
5.50
V
IVCCA
Operating Current
(3)
fCLK=1MHz
7
12
µA
IVCCA_SD
Shutdown Current
EN=Low
1
µA
VCCA
Under-Voltage
Lockout
0.6
1.5
V
VCC_C
SIM Card Supply
Voltage
VSEL=High, VBAT=3.0V,
IVCC_C=50mA
2.8
V
VSEL=High, VBAT=3.3V – 5.5V,
IVCC_C=0mA - 50mA
2.8
3.0
3.2
VSEL=Low, VBAT=2.7V – 5.5V,
IVCC_C=0mA - 50mA
1.7
1.8
1.9
IVCC_C_SC
Short-Circuit Current
VCC_C Shorted to Ground, TA=25°C
175
mA
Digital Input / Output Section (CLK, RST, I/O, EN, VSEL)
VIN
Input Voltage Range
EN, VSEL, RST_H, CLK_H, I/O_H
0
VCCA
V
IIH, IIL
Input Current
EN, VSEL, RST_H, CLK_H
-100
100
nA
VIH
High Level Input
Voltage
RST_H, CLK_H, EN, VSEL
0.7 •
VCCA
VCCA
V
VIL
Low Level Input
Voltage
RST_H, CLK_H
0.2 *
VCCA
V
EN, VSEL
0
0.4
VOH_I/O
High Level Output
Voltage
I/O_C=VCC_C, IOH_I/O=-20µA
0.7 •
VCCA
VCCA
V
VOL_I/O
Low Level Output
Voltage
I/O_C=0 V, IOL_I/O=200µA
0
0.4
V
IIH
High Level Input
Current
I/O
-20
20
µA
IIL
Low Level Input
Current
I/O
1.0
mA
Rpu_I/O_H
I/O Pull-Up Resistor
12
18
24
k
Ω
Continued on the following page…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com