Electronic Components Datasheet Search
  English  ▼

X  

FXLP4555 Datasheet(PDF) 8 Page - ON Semiconductor

Part # FXLP4555
Description  SIM Card Power Supply and Level Shifter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FXLP4555 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FXLP4555 Datasheet HTML 4Page - ON Semiconductor FXLP4555 Datasheet HTML 5Page - ON Semiconductor FXLP4555 Datasheet HTML 6Page - ON Semiconductor FXLP4555 Datasheet HTML 7Page - ON Semiconductor FXLP4555 Datasheet HTML 8Page - ON Semiconductor FXLP4555 Datasheet HTML 9Page - ON Semiconductor FXLP4555 Datasheet HTML 10Page - ON Semiconductor FXLP4555 Datasheet HTML 11Page - ON Semiconductor FXLP4555 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXLP4555 • Rev. 1.0.0
7
Electrical Characteristics (Continued)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
SIM Interface Section
(4)
RST_C
VCC_C =+3.0V
(VSEL=HIGH)
Output RST_C VOH at IRST_C=-20µA
0.9 •
VCC_C
VCC_C
V
Output RST_C VOL at IRST_C=+200µA
0
0.4
V
Output RST_C Rise Time at
COUT=30pF (10% - 90%)
(3)
1
µs
Output RST_C Fall Time at
COUT=30pF (90% - 10%)
(3)
1
µs
VCC_C =+1.8V
(VSEL=LOW)
Output RST_C VOH at IRST_C=-20µA
0.9 •
VCC_C
VCC_C
V
Output RST_C VOL at IRST_C=+200µA
0
0.4
V
Output RST_C Rise Time at
COUT=30pF (10% - 90%)
(3)
1
µs
Output RST_C Fall Time at
COUT=30pF (90% - 10%)
(3)
1
µs
CLK_C
VCC_C =+3.0V
(VSEL=HIGH)
Output Duty Cycle
40
60
%
Maximum Output Frequency
5
MHz
Output VOH at ICLK_C=-20µA
0.9 •
VCC_C
VCC_C
V
Output VOL at ICLK_C=+200µA
0
0.4
V
Output CLK_C Rise Time at
COUT=30pF (10% - 90%)
(3)
18
ns
Output CLK_C Fall Time at
COUT=30pF (90% - 10%)
(3)
18
ns
VCC_C =+1.8V
(VSEL=LOW)
Output Duty Cycle
40
60
%
Maximum Output Frequency
5
MHz
Output VOH at ICLK_C=-20µA
0.9 •
VCC_C
VCC_C
V
Output VOL at ICLK_C=+200µA
0
0.4
V
Output CLK _C Rise Time at
COUT=30pF (10% - 90%)
(3)
18
Ns
Output CLK_C Fall Time at
COUT=30pF (90% - 10%)
(3)
18
ns
Continued on the following page…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com