Electronic Components Datasheet Search
  English  ▼

X  

TLC6946 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLC6946
Description  16-Channel 32-, 48-Multiplexing 16-Bit ES-PWM Constant-Current LED Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC6946 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC6946 Datasheet HTML 4Page - Texas Instruments TLC6946 Datasheet HTML 5Page - Texas Instruments TLC6946 Datasheet HTML 6Page - Texas Instruments TLC6946 Datasheet HTML 7Page - Texas Instruments TLC6946 Datasheet HTML 8Page - Texas Instruments TLC6946 Datasheet HTML 9Page - Texas Instruments TLC6946 Datasheet HTML 10Page - Texas Instruments TLC6946 Datasheet HTML 11Page - Texas Instruments TLC6946 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
IOUTn at VOUTn
3V
IOUTn at VOUTn
1V
100
%V
IOUTn at VOUTn
1V
3V
1V
ª
º
'
u
«
»
«
»
¬
¼
IOUTn at VCC
5.5V
IOUTn at VCC
3V
100
%V
IOUTn at VCC
3V
5.5V
3V
ª
º
'
u
«
»
«
»
¬
¼
IREF
IREF
V
1
BC
Ideal Output mA
Gain
R
8
144
:
§
· §
·
¨
¸
u
u ¨
¸
¨
¸ ©
¹
©
¹
ª
º
«
»
'
u
«
»
«
»
¬
¼
IOUT0 IOUT1 ... IOUT14 IOUT15
Ideal Output Current
16
%
100
Ideal Output Current
8
TLC6946, TLC6948
SLVSEB3A – JUNE 2018 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: TLC6946 TLC6948
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
VCC = 3 V to 5.5 V and TA = –40°C to 85°C; typical values are at VCC = VLED = 3.5 V, TA = 25°C, over recommended operating
conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(2)
The deviation of the average of constant current from the ideal constant current value.
,Ideal current is calculated by the
following equation
(3)
Line regulation is calculated by the following equation
(4)
Load regulation is calculated by the following equation
(5)
Specified by design
ΔIOLC1
Constant-current error (device-to-
device)(2)
All OUTn = on, BC = 00h,VOUTn = 1
V, RIREF = 10.7 kΩ (IOUTn = 0.3-mA
target), TA = 25°C, includes the
VIREF tolerance
±1%
±2%
ΔIOLC2
Constant-current error (channel-to-
channel)(1)
All OUTn = on, BC = 2Ah,VOUTn = 1
V, RIREF = 10.7 kΩ (IOUTn = 1-mA
target), TA = 25°C, includes the
VIREF tolerance
±1%
±3%
ΔIOLC3
Constant-current error (device-to-
device)(2)
All OUTn = on, BC = 2Ah,VOUTn = 1
V, RIREF = 10.7 kΩ (IOUTn = 1-mA
target), TA = 25°C, includes the
VIREF tolerance
±1%
±2.5%
ΔIOLC4
Constant-current error (channel-to-
channel)(1)
All OUTn = on, BC = 36h,VOUTn = 1
V, RIREF = 1.27 kΩ (IOUTn = 10-mA
target), TA = 25°C, includes the
VIREF tolerance
±1%
±2.5%
ΔIOLC5
Constant-current error (device-to-
device)(2)
All OUTn = on, BC = 36h,VOUTn = 1
V, RIREF = 1.27 kΩ (IOUTn = 10-mA
target), TA = 25°C, includes the
VIREF tolerance
±1%
±2.5%
ΔIOLC6
Constant-current error (channel-to-
channel)(1)
All OUTn = on, BC = 7Eh,VOUTn = 1
V, RIREF = 1.02 kΩ (IOUTn = 25-mA
target), TA = 25°C, includes the
VIREF tolerance
±1%
±2%
ΔIOLC7
Constant-current error (device-to-
device)(2)
All OUTn = on, BC = 7Eh,VOUTn = 1
V, RIREF = 1.02 kΩ (IOUTn = 25-mA
target), TA = 25°C, includes the
VIREF tolerance
±1%
±2%
ΔIOLC8
Line regulation(3)
All OUTn = on, VCC = 3 V to 5.5 V,
VOUTn = 1 V
±1
±2
%/V
ΔIOLC9
Load regulation(4)
All OUTn = on, VOUTn = 1 V to 3 V
±1
±2
%/V
VIL(ISP)
IREF resistor short-protection enter
threshold
0.15
0.195
V
VIH(ISP)
IREF resistor short-protection
release threshold
0.325
0.4
V
T(TSD)
Thermal shutdown threshold(5)
170
°C
T(HYS)
Thermal shutdown hysteresis(5)
15
°C
II
SCLK or SIN Input current
VI = VCC or GND at SCLK or SIN
–1
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com