Electronic Components Datasheet Search
  English  ▼

X  

TLC6946 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLC6946
Description  16-Channel 32-, 48-Multiplexing 16-Bit ES-PWM Constant-Current LED Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC6946 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC6946 Datasheet HTML 7Page - Texas Instruments TLC6946 Datasheet HTML 8Page - Texas Instruments TLC6946 Datasheet HTML 9Page - Texas Instruments TLC6946 Datasheet HTML 10Page - Texas Instruments TLC6946 Datasheet HTML 11Page - Texas Instruments TLC6946 Datasheet HTML 12Page - Texas Instruments TLC6946 Datasheet HTML 13Page - Texas Instruments TLC6946 Datasheet HTML 14Page - Texas Instruments TLC6946 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Output Current (mA)
0
5
10
15
20
25
30
-3
-2
-1
0
1
2
3
D005
Vcc = 3.3 V Min
Vcc = 3.3 V Max
Vcc = 5 V Min
Vcc = 5 V Max
Ambient Temperature (oC)
-40
-20
0
20
40
60
80
100
-3
-2
-1
0
1
2
3
D006
1 mA Min
1 mA Max
25 mA Min
25 mA Max
Output Voltage (V)
0
0.2
0.4
0.6
0.8
1
0
2
4
6
8
10
12
D004
TA = -40
oC
TA = 25
oC
TA = 85
oC
Output Voltage (V)
0
0.2
0.4
0.6
0.8
1
0
2
4
6
8
10
12
D003
TA = -40
oC
TA = 25
oC
TA = 85
oC
Output Voltage (V)
0
0.5
1
1.5
2
0
5
10
15
20
25
30
35
D002
0.3 mA
1 mA
5 mA
10 mA
20 mA
25 mA
Output Voltage (V)
0
0.5
1
1.5
2
0
5
10
15
20
25
30
35
D001
0.3 mA
1 mA
5 mA
10 mA
20 mA
25 mA
11
TLC6946, TLC6948
www.ti.com
SLVSEB3A – JUNE 2018 – REVISED JANUARY 2019
Product Folder Links: TLC6946 TLC6948
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
7.7 Typical Characteristics
VCC = 5 V
Figure 2. Channel Sink Current vs OUTn Voltage
VCC = 3.3 V
Figure 3. Channel Sink Current vs OUTn Voltage
VCC = 5 V
Temperature
changing
Figure 4. Channel Sink Current vs OUTn Voltage
VCC = 3.3 V
Temperature
changing
Figure 5. Channel Sink Current vs OUTn Current
VOUTn = 1 V
Figure 6. Channel to Channel Accuracy vs OUTn Current
VOUTn = 1 V
Figure 7. Channel to Channel Accuracy vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com