Electronic Components Datasheet Search
  English  ▼

X  

TLC6946 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLC6946
Description  16-Channel 32-, 48-Multiplexing 16-Bit ES-PWM Constant-Current LED Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC6946 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC6946 Datasheet HTML 8Page - Texas Instruments TLC6946 Datasheet HTML 9Page - Texas Instruments TLC6946 Datasheet HTML 10Page - Texas Instruments TLC6946 Datasheet HTML 11Page - Texas Instruments TLC6946 Datasheet HTML 12Page - Texas Instruments TLC6946 Datasheet HTML 13Page - Texas Instruments TLC6946 Datasheet HTML 14Page - Texas Instruments TLC6946 Datasheet HTML 15Page - Texas Instruments TLC6946 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Output current (mA)
0
5
10
15
20
25
0
2
4
6
8
10
D009
Vcc = 3.3 V
Vcc = 5 V
Ambient Temperature (oC)
-40
-20
0
20
40
60
80
100
0
0.5
1
1.5
2
D011
Vcc = 3.3 V
Vcc = 5 V
Brightness Control Data (Decimal)
0
20
40
60
80
100
120
0
5
10
15
20
25
30
D008
0.3 mA
1 mA
5 mA
10 mA
20 mA
25 mA
Brightness Control Data (Decimal)
0
20
40
60
80
100
120
0
5
10
15
20
25
30
D007
0.3 mA
1 mA
5 mA
10 mA
20 mA
25 mA
12
TLC6946, TLC6948
SLVSEB3A – JUNE 2018 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: TLC6946 TLC6948
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
VCC = 5 V
VOUTn = 1 V
Figure 8. Channel Sink Current vs Brightness Control (BC)
VCC = 3.3 V
VOUTn = 1 V
Figure 9. Channel Sink Current vs Brightness Control (BC)
VOUTn = 1 V
GCLK = 33 MHz
GSn = FFFFh
Figure 10. Supply Current (ICC) vs Channel Sink Current
VOUTn = 1 V
GCLK = 33 MHz
GSn = 0000h
BC = 36h
RIREF = 1.27 kΩ (10-mA target)
Figure 11. Supply Current (ICC) in Power-Save Mode vs
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com