Electronic Components Datasheet Search
  English  ▼

X  

VL53L1X Datasheet(PDF) 6 Page - STMicroelectronics

Part # VL53L1X
Description  A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSensense™ technology
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1X Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VL53L1X Datasheet HTML 2Page - STMicroelectronics VL53L1X Datasheet HTML 3Page - STMicroelectronics VL53L1X Datasheet HTML 4Page - STMicroelectronics VL53L1X Datasheet HTML 5Page - STMicroelectronics VL53L1X Datasheet HTML 6Page - STMicroelectronics VL53L1X Datasheet HTML 7Page - STMicroelectronics VL53L1X Datasheet HTML 8Page - STMicroelectronics VL53L1X Datasheet HTML 9Page - STMicroelectronics VL53L1X Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Product overview
VL53L1X
6/35
DocID031281 Rev 3
1.4
Application schematic
Figure 3 shows the application schematic of the VL53L1X.
Figure 3. VL53L1X schematic
Note:
Capacitors on external supply AVDD should be placed as close as possible to the
AVDDVCSEL and AVSSVCSEL module pins.
Note:
External pull up resistor values can be found in I2C-bus specification. Pull ups are typically
fitted only once per bus, near the host. For suggested values see Table 3.
Note:
XSHUT pin must always be driven to avoid leakage current. A pull up is needed if the host
state is not known.
XSHUT is needed to use HW standby mode (no I2C communication).
Note:
XSHUT and GPIO1 pull up recommended values are 10 kOhms
Note:
GPIO1 to be left unconnected if not used
Table 3 show recommended values for the pull up and series resistors for an AVDD of 1.8 V
to 2.8 V in I2C Fast mode (up to 400 kHz).
Table 3. Suggested pull up and series resistors for I2C Fast mode
I2C load capacitance (CL) (1)
1. For each bus line, CL is measured in the application PCB by the customer.
Pull up resistor (Ohms)
CL ≤ 90 pF
3.6 k
90 pF < CL ≤ 140 pF
2.4 k
140 pF < CL ≤ 270 pF
1.2 k
270 pF < CL ≤ 400 pF
0.8 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com