Electronic Components Datasheet Search
  English  ▼

X  

VL53L1X Datasheet(PDF) 7 Page - STMicroelectronics

Part # VL53L1X
Description  A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSensense™ technology
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1X Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VL53L1X Datasheet HTML 3Page - STMicroelectronics VL53L1X Datasheet HTML 4Page - STMicroelectronics VL53L1X Datasheet HTML 5Page - STMicroelectronics VL53L1X Datasheet HTML 6Page - STMicroelectronics VL53L1X Datasheet HTML 7Page - STMicroelectronics VL53L1X Datasheet HTML 8Page - STMicroelectronics VL53L1X Datasheet HTML 9Page - STMicroelectronics VL53L1X Datasheet HTML 10Page - STMicroelectronics VL53L1X Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
DocID031281 Rev 3
7/35
VL53L1X
Functional description
35
2
Functional description
2.1
System functional description
Figure 4 shows the system level functional description. The host customer application
controls the VL53L1X device using an API (application programming interface). The API
implementation is delivered to the customer as a driver (Bare C code).
The driver shares with the customer application a set of high-level functions that allow
control of the VL53L1X like initialization, ranging start/stop, and setting the system
accuracy.
The driver enables fast development of end user applications without the complication of
direct multiple register access. The driver is structured in a way that it can be compiled on
any kind of platform through a good hardware abstraction layer.
A detailed description of the driver is available in the VL53L1X API user manual (UM2356).
Figure 4. VL53L1X system functional description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com