Electronic Components Datasheet Search
  English  ▼

X  

VL53L1X Datasheet(PDF) 1 Page - STMicroelectronics

Part # VL53L1X
Description  A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSensense™ technology
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1X Datasheet(HTML) 1 Page - STMicroelectronics

  VL53L1X Datasheet HTML 1Page - STMicroelectronics VL53L1X Datasheet HTML 2Page - STMicroelectronics VL53L1X Datasheet HTML 3Page - STMicroelectronics VL53L1X Datasheet HTML 4Page - STMicroelectronics VL53L1X Datasheet HTML 5Page - STMicroelectronics VL53L1X Datasheet HTML 6Page - STMicroelectronics VL53L1X Datasheet HTML 7Page - STMicroelectronics VL53L1X Datasheet HTML 8Page - STMicroelectronics VL53L1X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
This is information on a product in full production.
November 2018
DocID031281 Rev 3
1/35
VL53L1X
A new generation, long distance ranging Time-of-Flight sensor
based on ST’s FlightSense™ technology
Datasheet
- production data
Features
• Fully integrated miniature module
– Size: 4.9x2.5x1.56 mm
– Emitter: 940 nm invisible laser (Class1)
– SPAD (single photon avalanche diode)
receiving array with integrated lens
– Low-power microcontroller running advanced
digital firmware
• Pin-to-pin compatible with the VL53L0X
FlightSense™ ranging sensor
• Fast and accurate long distance ranging
– Up to 400 cm distance measurement
– Up to 50 Hz ranging frequency
• Typical full field-of-view (FoV): 27 °
• Programmable region-of-interest (ROI) size on
the receiving array, allowing the sensor FoV to be
reduced
• Programmable ROI position on the receiving
array, providing multizone operation control from
the host
• Easy integration
– Single reflowable component
– Can be hidden behind many cover window
materials
– Software driver and code examples for
turnkey ranging
– Single power supply (2v8)
– I²C interface (up to 400 kHz)
– Shutdown and interrupt pins
Applications
• User detection (Autonomous low-power mode) to
power on/off and lock/unlock devices like
personal computers/laptops and the IoT
• Service robots and vacuum cleaners (long
distance and fast obstacle detection)
• Drones (landing assistance, hovering, ceiling
detection)
• Smart shelves and vending machines (goods
inventory monitoring)
• Sanitary (robust user detection whatever the
target reflectance)
• Smart building and smart lighting (people
detection, gesture control)
• 1 D gesture recognition
• Laser assisted autofocus which enhances the
camera autofocus system speed and robustness,
especially in difficult scenes (low light and low
contrast) and video focus tracking assistance
Description
The VL53L1X is a state-of-the-art, Time-of-Flight
(ToF), laser-ranging sensor, enhancing the ST
FlightSense™ product family. It is the fastest
miniature ToF sensor on the market with accurate
ranging up to 4 m and fast ranging frequency up to
50 Hz
Housed in a miniature and reflowable package, it
integrates a SPAD receiving array, a 940 nm
invisible Class1 laser emitter, physical infrared
filters, and optics to achieve the best ranging
performance in various ambient lighting conditions
with a range of cover window options.
Unlike conventional IR sensors, the VL53L1X uses
ST’s latest generation ToF technology which allows
absolute distance measurement whatever the target
color and reflectance.
It is also possible to program the size of the ROI on
the receiving array, allowing the sensor FoV to be
reduced.
www.st.com


Similar Part No. - VL53L1X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VL53L1X STMICROELECTRONICS-VL53L1X Datasheet
1Mb / 35P
A new generation, long distance ranging Time-of-Flight sensor based on ST’s FlightSense technology
VL53L1X STMICROELECTRONICS-VL53L1X_V01 Datasheet
1Mb / 35P
A new generation, long distance ranging Time-of-Flight sensor based on ST’s FlightSense technology
More results

Similar Description - VL53L1X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VL53L0X STMICROELECTRONICS-VL53L0X Datasheet
923Kb / 40P
World smallest Time-of-Flight ranging and gesture detection sensor
May 2016 Rev 1
logo
Banner Engineering Corp...
LT3BD BANNER-LT3BD Datasheet
396Kb / 9P
LT3BD Long-Range Time-of-Flight Laser Sensor
logo
STMicroelectronics
VL53L3CX STMICROELECTRONICS-VL53L3CX Datasheet
1Mb / 35P
Time-of-Flight ranging sensor with multi target detection
Feb-2020
X-NUCLEO-53L1A1 STMICROELECTRONICS-X-NUCLEO-53L1A1 Datasheet
579Kb / 5P
Long distance ranging Time-of-Flight sensor expansion board based on VL53L1X for STM32 Nucleo
20-Feb-2018
X-NUCLEO-53L3A2 STMICROELECTRONICS-X-NUCLEO-53L3A2 Datasheet
2Mb / 7P
Time-of-Flight ranging sensor with multi target detection expansion board based on VL53L3CX for STM32 Nucleo
23-Apr-2021
VL53L1X STMICROELECTRONICS-VL53L1X_V01 Datasheet
1Mb / 35P
A new generation, long distance ranging Time-of-Flight sensor based on ST’s FlightSense technology
VL53L1 STMICROELECTRONICS-VL53L1 Datasheet
1Mb / 39P
New generation Time-of-Flight ranging sensor with advanced multi-zone and multi-object detection
27-Jun-2022
VL53L5CP STMICROELECTRONICS-VL53L5CP Datasheet
107Kb / 4P
Time-of-Flight ranging sensor for advanced human presence detection
June 2022 Rev 1
VL53L7CX STMICROELECTRONICS-VL53L7CX Datasheet
3Mb / 40P
Time-of-Flight 8x8 multizone ranging sensor with 90 FoV
12-Sep-2022
logo
List of Unclassifed Man...
TOF400F ETC-TOF400F Datasheet
4Mb / 13P
Time-of-Flight ranging Sensor-4M
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com