Electronic Components Datasheet Search
  English  ▼

X  

RT1731 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT1731
Description  Cable ID for USB Type-C Cables
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1731 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT1731 Datasheet HTML 9Page - Richtek Technology Corporation RT1731 Datasheet HTML 10Page - Richtek Technology Corporation RT1731 Datasheet HTML 11Page - Richtek Technology Corporation RT1731 Datasheet HTML 12Page - Richtek Technology Corporation RT1731 Datasheet HTML 13Page - Richtek Technology Corporation RT1731 Datasheet HTML 14Page - Richtek Technology Corporation RT1731 Datasheet HTML 15Page - Richtek Technology Corporation RT1731 Datasheet HTML 16Page - Richtek Technology Corporation RT1731 Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
RT1731
Copyright © 2018 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS1731-00
July
2018
www.richtek.com
13
Bit(s)
Field
Description
Bit[12:11]
Reserved
For Commands 0…15 shall be set to 0 and shall be ignored
SVID specific c
ommands (16…31) defined by the SVID.
Bit[10:8]
Object Position
For the enter mode, exit mode and attention commands
(requests/responses) :
000b = Reserved and shall not be used.
001b…110b = Index into the list of VDOs to identify the desired
Mode VDO
111b = Exit all Active Modes (equivalent of a power on reset).
Shall only be used with the exit mode command.
Commands 0…3, 7…15 :
000b
001b…111b = Reserved and shall not be used.
SVID specific c
ommands (16…31) defined by the SVID.
Bit[7:6]
Command Type
00b = REQ (Request from initiator port)
01b = ACK (Acknowledge response from responder port)
10b = NAK (Negative acknowledge response from responder port)
11b = BUSY (Busy response from responder port)
Bit[5]
Reserved
0 : Reserved, shall not be used
Bit[4:0]
Command (Note 5)
0 = Reserved, shall not be used
1 = Discover identity
2 = Discover SVIDs
3 = Discover modes
4 = Enter mode
5 = Exit mode
6 = Attention
7-15 = Reserved, shall not be used
16..31 = SVID specific commands
Note 5 : In the case where a SID is used the modes are defined by a standard. When a VID is used the modes are
defined by the Vendor.
Discover Identity
The Discover Identity Command is provided to enable an Initiator (DFP) to identify its Port Partner and for an
Initiator (Source or DFP) to identify the attached Cable Plug (Responder).
The SVID in the Discover SVIDs Command shall be set to the PD SID by both the Initiator and the Responder for
this Command.
The Discover Identity Command sent back by the Responder contains an ID Header, a Cert Stat VDO and some
Type specific VDOs which depend on the Product Type. This specification defines the following Type specific
VDOs :
Header
No. of Data Objects = 4-71
VDM
Header
ID
Header
Cert Stat VDO
Product VDO
0..32 Product
Type VDO(s)
1.
Only Data objects defined in this specification can be sent as part of the Discover Identity Command.
2.
The following sections define the number and content of the VDOs for each Product Type.
The Number of Data Objects field in the Message Header in the Discover Identity Command NAK and BUSY
responses shall be set to 1 since they shall not contain any VDOs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com