Electronic Components Datasheet Search
  English  ▼

X  

RT1731 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT1731
Description  Cable ID for USB Type-C Cables
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1731 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT1731 Datasheet HTML 1Page - Richtek Technology Corporation RT1731 Datasheet HTML 2Page - Richtek Technology Corporation RT1731 Datasheet HTML 3Page - Richtek Technology Corporation RT1731 Datasheet HTML 4Page - Richtek Technology Corporation RT1731 Datasheet HTML 5Page - Richtek Technology Corporation RT1731 Datasheet HTML 6Page - Richtek Technology Corporation RT1731 Datasheet HTML 7Page - Richtek Technology Corporation RT1731 Datasheet HTML 8Page - Richtek Technology Corporation RT1731 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
RT1731
Copyright © 2018 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS1731-00
July
2018
2
Marking Information
4T : Product Code
W : Date Code
RT1731GQW
4TW
72 : Product Code
W : Date Code
72W
RT1731WSC
Pin Configuration
(TOP VIEW)
VCON1
CCIN
NC
NC
VCON2
SDA
GND
SCL
7
6
5
1
2
3
4
8
9
WDFN-8L 2x2
CCIN
NC
SCL
SDA
GND
NC
VCON1
VCON2
D1
D2
C2
C1
B1
B2
A1
A2
WL-CSP-8B 0.96x1.64 (BSC)
Functional Pin Description
Pin No.
Pin Name
Pin Function
WDFN-8L 2x2
WL-CSP-8B
0.96x1.64 (BSC)
1
A2
VCON2
The power is input pin supplied from VCONN with resistor RA
termination and has high voltage protection at 22V.
2
D2
GND
Ground pin.
3
B2
SCL
This pin is only used for debug. No internal connection.
(Recommend to connect to GND)
4
C2
SDA
This pin is only used for debug. No internal connection.
(Recommend to connect to GND)
5, 6
C1, D1
NC
No internal connection. (Recommend to connect to GND)
7
B1
CCIN
The
configuration
channel
pin
used
in
the
discovery,
configuration and management of connections, includes high
voltage protection at 22V.
8
A1
VCON1
The power is input pin supplied from VCONN with resistor RA
termination and has high voltage protection at 22V.
9
(Exposed Pad)
--
NC
No internal connection. The exposed pad must be soldered to a
large PCB and connected to GND for maximum power
dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com