Electronic Components Datasheet Search
  English  ▼

X  

RT1731 Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT1731
Description  Cable ID for USB Type-C Cables
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1731 Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT1731 Datasheet HTML 11Page - Richtek Technology Corporation RT1731 Datasheet HTML 12Page - Richtek Technology Corporation RT1731 Datasheet HTML 13Page - Richtek Technology Corporation RT1731 Datasheet HTML 14Page - Richtek Technology Corporation RT1731 Datasheet HTML 15Page - Richtek Technology Corporation RT1731 Datasheet HTML 16Page - Richtek Technology Corporation RT1731 Datasheet HTML 17Page - Richtek Technology Corporation RT1731 Datasheet HTML 18Page - Richtek Technology Corporation RT1731 Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
RT1731
Copyright © 2018 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS1731-00
July
2018
www.richtek.com
15
Bit(s)
Field
Description
Bit[17]
Type-C to Plug/Receptacle
0 = Plug
1 = Receptacle (not valid when B19..18 set to
Type-C or Captive)
Bit[16:13]
Cable Latency
0000b : Reserved
0001b : < 10ns (~1m)
0010b : 10ns to 20ns (~2m)
0011b : 20ns to 30ns (~3m)
0100b : 30ns to 40ns (~4m)
0101b : 40ns to 50ns (~5m)
0110b : 50ns to 60ns (~6m)
0111b : 60ns to 70ns (~7m)
1000b : 1000ns (~100m)
1001b : 2000ns (~200m)
1010b : 3000ns (~300m)
1011b ….1111b : Reserved
Includes latency of electronics in active cable
Bit[12:11]
Cable Termination Type
00b = Both ends Passive, VCONN not required
01b = Both ends Passive, VCONN required
10b = One end Active, one end passive,
VCONN required
11b = Both ends Active, VCONN required
Bit[10]
SSTX1 Directionality Support
0 = Fixed
1 = Configurable
Bit[9]
SSTX2 Directionality Support
0 = Fixed
1 = Configurable
Bit[8]
SSRX1 Directionality Support
0 = Fixed
1 = Configurable
Bit[7]
SSRX2 Directionality Support
0 = Fixed
1 = Configurable
Bit[6:5]
VBUS Current Handling Capability
00b = VBUS not through cable
01b = 3A
10b = 5A
11b = Reserved
Bit[4]
VBUS through cable
0 = No
1 = Yes
Bit[3]
SOP” controller present
1 = SOP” controller present
0 = No SOP” controller present
Bit[2:0]
USB Super speed Signaling Support
000b = USB 2.0 only
001b = USB3.1 Gen1
010b = USB3.1 Gen1 and Gen2
011b.. 111b = Reserved
PD3 Passive Cable VDO
The Cable VDO defined in this section shall be sent when the Product Type is given as Passive or Active Cable.
Bit(s)
Field
Description
Bit[31:28]
HW Version
0000b..1111b assigned by the VID owner
Bit[27:24]
Firmware Version
0000b..1111b assigned by the VID owner



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com