Electronic Components Datasheet Search
  English  ▼

X  

BMA280 Datasheet(PDF) 29 Page - Bosch Sensortec GmbH

Part # BMA280
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA280 Datasheet(HTML) 29 Page - Bosch Sensortec GmbH

Back Button BMA280 Datasheet HTML 25Page - Bosch Sensortec GmbH BMA280 Datasheet HTML 26Page - Bosch Sensortec GmbH BMA280 Datasheet HTML 27Page - Bosch Sensortec GmbH BMA280 Datasheet HTML 28Page - Bosch Sensortec GmbH BMA280 Datasheet HTML 29Page - Bosch Sensortec GmbH BMA280 Datasheet HTML 30Page - Bosch Sensortec GmbH BMA280 Datasheet HTML 31Page - Bosch Sensortec GmbH BMA280 Datasheet HTML 32Page - Bosch Sensortec GmbH BMA280 Datasheet HTML 33Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 119 page
background image
BMA280
Data sheet
Page 29
BST-BMA280-DS000-11 | Revision 1.8 | August 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
slope_th
INT
slope
acceleration
acc(t0)
acc(t0−1/(2*bw))
slope(t0)=acc(t0)−acc(t0−1/(2*bw))
time
time
time
slope_dur
slope_dur
4.7.5 Slope / any-motion detection
Slope / any-motion detection uses the slope between successive acceleration signals to detect
changes in motion. An interrupt is generated when the slope (absolute value of acceleration
difference) exceeds a preset threshold. It is cleared as soon as the slope falls below the
threshold. The principle is made clear in figure 7.
Figure 7: Principle of any-motion detection
The threshold is defined through register (0x28) slope_th. In terms of scaling 1 LSB of (0x28)
slope_th corresponds to 3.91 mg in 2g-range (7.81 mg in 4g-range, 15.6 mg in 8g-range and
31.3 mg in 16g-range). Therefore the maximum value is 996 mg in 2g-range (1.99g in 4g-
range, 3.98g in 8g-range and 7.97g in 16g-range).
The time difference between the successive acceleration signals depends on the selected
bandwidth and equates to 1/(2*bandwidth) (
t=1/(2*bw)). In order to suppress false triggers, the
interrupt is only generated (cleared) if a certain number N of consecutive slope data points is
larger (smaller) than the slope threshold given by (0x28) slope_th. This number is set by the
(0x27) slope_dur bits. It is N = (0x27) slope_dur + 1 for (0x27).
Example: (0x27) slope_dur = 00b, …, 11b = 1decimal, …, 4decimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com