Electronic Components Datasheet Search
  English  ▼

X  

BMA280 Datasheet(PDF) 3 Page - Bosch Sensortec GmbH

Part # BMA280
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA280 Datasheet(HTML) 3 Page - Bosch Sensortec GmbH

  BMA280 Datasheet HTML 1Page - Bosch Sensortec GmbH BMA280 Datasheet HTML 2Page - Bosch Sensortec GmbH BMA280 Datasheet HTML 3Page - Bosch Sensortec GmbH BMA280 Datasheet HTML 4Page - Bosch Sensortec GmbH BMA280 Datasheet HTML 5Page - Bosch Sensortec GmbH BMA280 Datasheet HTML 6Page - Bosch Sensortec GmbH BMA280 Datasheet HTML 7Page - Bosch Sensortec GmbH BMA280 Datasheet HTML 8Page - Bosch Sensortec GmbH BMA280 Datasheet HTML 9Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 119 page
background image
BMA280
Data sheet
Page 3
BST-BMA280-DS000-11 | Revision 1.8 | August 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
The BMA280 offers a variable VDDIO voltage range from 1.2V to 3.6V and can be programmed
to optimize functionality, performance and power consumption in customer specific applications.
In addition it features an on-chip interrupt controller enabling motion-based applications without
use of a microcontroller.
The BMA280 senses tilt, motion, inactivity and shock vibration in cell phones, handhelds,
computer peripherals, man-machine interfaces, virtual reality features and game controllers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com