Electronic Components Datasheet Search
  English  ▼

X  

BMA280 Datasheet(PDF) 34 Page - Bosch Sensortec GmbH

Part # BMA280
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA280 Datasheet(HTML) 34 Page - Bosch Sensortec GmbH

Back Button BMA280 Datasheet HTML 30Page - Bosch Sensortec GmbH BMA280 Datasheet HTML 31Page - Bosch Sensortec GmbH BMA280 Datasheet HTML 32Page - Bosch Sensortec GmbH BMA280 Datasheet HTML 33Page - Bosch Sensortec GmbH BMA280 Datasheet HTML 34Page - Bosch Sensortec GmbH BMA280 Datasheet HTML 35Page - Bosch Sensortec GmbH BMA280 Datasheet HTML 36Page - Bosch Sensortec GmbH BMA280 Datasheet HTML 37Page - Bosch Sensortec GmbH BMA280 Datasheet HTML 38Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 119 page
background image
BMA280
Data sheet
Page 34
BST-BMA280-DS000-11 | Revision 1.8 | August 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
4.7.7 Orientation recognition
The orientation recognition feature informs on an orientation change of the sensor with respect
to the gravitational field vector ‘g’. The measured acceleration vector components with respect
to the gravitational field are defined as shown in figure 9.
Figure 9: Definition of vector components
Therefore, the magnitudes of the acceleration vectors are calculated as follows:
acc_x = 1g x sin
 x cos
acc_y = −1g x sin
 x sin
acc_z = 1g x cos
acc_y/acc_x = −tan
Depending on the magnitudes of the acceleration vectors the orientation of the device in the
space is determined and stored in the three (0x0C) orient bits. These bits may not be reset in
the sleep phase of low-power mode. There are three orientation calculation modes with different
thresholds for switching between different orientations: symmetrical, high-asymmetrical, and
low-asymmetrical. The mode is selected by setting the (0x2C) orient_mode bits as given in
Table 13.
Table 13: Orientation mode settings
(0x2C)
orient_mode
Orientation Mode
00b
symmetrical
01b
high-asymmetrical
10b
low-asymmetrical
11b
symmetrical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com