Electronic Components Datasheet Search
  English  ▼

X  

RT8105GS Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT8105GS
Description  5V/12V Synchronous Buck PWM DC/DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8105GS Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT8105GS Datasheet HTML 2Page - Richtek Technology Corporation RT8105GS Datasheet HTML 3Page - Richtek Technology Corporation RT8105GS Datasheet HTML 4Page - Richtek Technology Corporation RT8105GS Datasheet HTML 5Page - Richtek Technology Corporation RT8105GS Datasheet HTML 6Page - Richtek Technology Corporation RT8105GS Datasheet HTML 7Page - Richtek Technology Corporation RT8105GS Datasheet HTML 8Page - Richtek Technology Corporation RT8105GS Datasheet HTML 9Page - Richtek Technology Corporation RT8105GS Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
RT8105
www.richtek.com
DS8105-03 April 2011
Typical Operating Characteristics
Power On from VIN
Time (2ms/Div)
VOUT
(1V/Div)
UGATE
(20V/Div)
VIN = VCC = 12V, VOUT = 1.5V, ILOAD = 20A
VIN
(5V/Div)
LGATE
(20V/Div)
Disable from OPS
Time (40
μs/Div)
VOUT
(1V/Div)
UGATE
(20V/Div)
VIN = VCC = 12V, VOUT = 1.5V, ILOAD = 5A
OPS
(2V/Div)
LGATE
(20V/Div)
Enable from OPS
Time (2ms/Div)
VOUT
(1V/Div)
UGATE
(20V/Div)
VIN = VCC = 12V, VOUT = 1.5V, ILOAD = 5A
OPS
(2V/Div)
LGATE
(20V/Div)
Over Voltage Protection
Time (20
μs/Div)
UGATE
(10V/Div)
VIN = 5V, VCC = 12V, VOUT = 1.5V, No Load
FB
(500mV/Div)
LGATE
(10V/Div)
Under Voltage Protection
Time (20
μs/Div)
UGATE
(10V/Div)
VIN = 5V, VCC = 12V, VOUT = 1.5V, No Load
FB
(500mV/Div)
LGATE
(10V/Div)
VIN and VCC Power Sequence
Time (2ms/Div)
VOUT
(1V/Div)
UGATE
(20V/Div)
VIN = VCC = 12V, VOUT = 1.5V, ILOAD = 20A
VCC
(10V/Div)
VIN
(5V/Div)
VIN comes after VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com