Electronic Components Datasheet Search
  English  ▼

X  

RT8105GS Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT8105GS
Description  5V/12V Synchronous Buck PWM DC/DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8105GS Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT8105GS Datasheet HTML 3Page - Richtek Technology Corporation RT8105GS Datasheet HTML 4Page - Richtek Technology Corporation RT8105GS Datasheet HTML 5Page - Richtek Technology Corporation RT8105GS Datasheet HTML 6Page - Richtek Technology Corporation RT8105GS Datasheet HTML 7Page - Richtek Technology Corporation RT8105GS Datasheet HTML 8Page - Richtek Technology Corporation RT8105GS Datasheet HTML 9Page - Richtek Technology Corporation RT8105GS Datasheet HTML 10Page - Richtek Technology Corporation RT8105GS Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
RT8105
DS8105-03 April 2011
www.richtek.com
Over Current Protection
Time (20
μs/Div)
UGATE
(20V/Div)
VIN = VCC = 12V, VOUT = 1.5V, ROCSET = 15.4k
Ω
Inductor
Current
(20A/Div)
LGATE
(20V/Div)
VOUT
(2V/Div)
Low side MOSFET RDS(ON) = 9M
Ω
Short Circuit Over Current Protection
Time (2ms/Div)
UGATE
(50V/Div)
VIN = VCC = 12V,
ROCSET = 15k
Ω
Inductor
Current
(20A/Div)
LGATE
(20V/Div)
VOUT
(1V/Div)
Low side MOSFET RDS(ON) = 6M
Ω
short circuit output terminal than power up
Reference Voltage vs. Temperature
0.784
0.788
0.792
0.796
0.800
0.804
0.808
0.812
0.816
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
VIN = VCC = 5V, No Load
Switching Frequency vs. Temperature
200
220
240
260
280
300
320
340
360
380
400
-40 -25 -10
5
20
35 50
65
80
95 110 125
Temperature (°C)
VIN = VCC = 5V, No Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com