Electronic Components Datasheet Search
  English  ▼

X  

RT8105GS Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT8105GS
Description  5V/12V Synchronous Buck PWM DC/DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8105GS Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT8105GS Datasheet HTML 4Page - Richtek Technology Corporation RT8105GS Datasheet HTML 5Page - Richtek Technology Corporation RT8105GS Datasheet HTML 6Page - Richtek Technology Corporation RT8105GS Datasheet HTML 7Page - Richtek Technology Corporation RT8105GS Datasheet HTML 8Page - Richtek Technology Corporation RT8105GS Datasheet HTML 9Page - Richtek Technology Corporation RT8105GS Datasheet HTML 10Page - Richtek Technology Corporation RT8105GS Datasheet HTML 11Page - Richtek Technology Corporation RT8105GS Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
RT8105
www.richtek.com
DS8105-03 April 2011
Application Information
RT8105 is a voltage-mode single phase synchronous buck
controller with embedded MOSFET drivers. This part
provides complete protection functions such as over voltage
protection, under voltage protection and over current
protection. Inductor current information is sensed by the
RDS(ON) of the low side MOSFET. The over current
protection threshold can be simply programmed by a
resistor. In addition, the compensation circuit is
implemented internally to minimize the external
component count.
VCC Power on Reset and VIN Detection
Once VCC exceeds its power on reset rising threshold
VCCRTH, UGATE will output continuous pulses (~10kHz,
1% duty cycle) for converter input voltage VIN detection.
Figure 1 and figure 2 illustrate the operation of VIN detection
for RT8105. VIN is recognized ready by detecting the
voltage pulses at VOS pin exceed 1.5V for four times
(both rising edge + falling edge for counter increment =
1). Once VIN is recognized ready, controller will initiates
the soft start operation. Since a 40
μA current will
continuously flow through ROCSET, ROCSET must be lower
than 37.5k
Ω for the correct VIN detection function.
Controller will not initiate soft start if ROCSET is higher than
this value because VIN will not be recognized ready.
Figure 1. VIN Detection Function
Soft Start
Once VIN is recognized ready, LGATE will go high for a
short period of time to discharge the pre-biased voltage at
the output capacitor. After that, controller will initiate the
soft start operation. RT8105 provides soft start function
internally. The soft start function is used to prevent the
large inrush current while converter is powered up. The
FB signal will track the internal soft start signal, which is
controlled by an internal digital counter and ramps up from
zero in a monotone during soft start period. Therefore the
duty cycle of UGATE signal will increase gradually and
so does the input current. The typical soft-start duration
is 3ms.
Over Current Protection (OCP)
Figure 2 shows the over current protection (OCP) scheme
of RT8105. A resistor ROCSET connected from PHASE pin
to OPS pin sets the threshold. An internal current source,
IOC (40
μA typically), flowing through ROCSET determines
the OCP trip point IOCSET, which can be calculated using
the following Equation :
OCSET
OCSET
DS(ON)
40uA R
0.4
I
R
of the low side MOSFET
≈
×−
Because the RDS(ON) of MOSFET increases with
temperature, it is necessary to take this thermal effect
into consideration in calculating OCP point.
Figure 2. Over Current Protection Scheme
+
-
3V
IOC
ROCSET
+
-
IOC x ROCSET
VIN
Q1
Q2
L
+
-
ID x RDS(ON)
OC
Comparator
+
0.4V
OPS
PHASE
In addition, note that the OCP threshold is very sensitive
to the parasitic capacitance at OPS pin. Parasitic
capacitance or the drain-to-source capacitance of the small
MOSFET (for shutdown function) will have influence on
the OCP threshold. It is recommended to use small signal
BJT for shutdown function. In addition, it is also
recommended to place ROCSET close to IC to minimize
the trace parasitic.
When OCP is tripped, both UGATE and LGATE will go
low to stop the energy transfer to the load. Controller will
-
+
+
-
OC
PHASE
UGATE
OPS
1.5V
10pF
Q2
ROCSET
Cparasitic
DISABLE
Internal Counter will count (VOPS > 1.5V) four times
(rising & falling) to recognize VIN is ready.
3V
+
-
IOC
VOC
VIN
Detection
Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com