Electronic Components Datasheet Search
  English  ▼

X  

BMA456 Datasheet(PDF) 21 Page - Bosch Sensortec GmbH

Part # BMA456
Description  Digital, triaxial acceleration sensor
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA456 Datasheet(HTML) 21 Page - Bosch Sensortec GmbH

Back Button BMA456 Datasheet HTML 17Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 18Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 19Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 20Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 21Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 22Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 23Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 24Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 25Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 129 page
background image
Data Sheet
BMA456
Page 21
BST-BMA456-DS000-01 | Version 1.1 | October 2017
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third parties.
BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Accelerometer data processing for low power mode
Low
power
mode
can
be
enabled
by
PWR_CONF.adv_power_save=0b1
and
ACC_CONF.acc_perf_mode=0b0. In this power mode, the accelerometer regularly changes between
a suspend power mode phase where no measurement is performed and a performance power mode
phase, where data is acquired. The period of the duty cycle for changing between suspend and
performance mode will be determined by the output data rate (ACC_CONF.acc_odr). The output data
rate can be configured in one of 10 different valid ODR configurations going from 0.78Hz up to 400Hz.
The samples acquired during the normal mode phase will be averaged and the result will be the output
data. The number of averaged samples can be determined by the parameter ACC_CONF.acc_bwp
through the following formula:
averaged samples = 2(Val(acc_bwp))
skipped samples = (1600/ODR)-averaged samples
A higher number of averaged samples will result in a lower noise level of the signal, but since the
performance power mode phase is increased, the power consumption will also rise.
Data Ready Interrupt
This interrupt fires whenever a new data sample set from accelerometer, and auxiliary sensor is
complete. This allows a low latency data readout. In non-latched mode, the interrupt and the flag in
Register INT_STATUS_1 are cleared automatically after 1/(3200Hz). If this automatic clearance is
unwanted, latched-mode can be used (see chapter 4.7).
In order to enable/use the data ready interrupt map it on the desired interrupt pin via INT_MAP_DATA.
Temperature Sensor
The temperature sensor has 8 bits. The temperature value is defined in Register TEMPERATURE and
updated every 1.28 s.
It is always on, when a sensor is active.
Value
Temperature
0x7F
150 °C
…
…
0x00
23 °C
…
…
0x81
-104 °C
0x80
Invalid
When there is no valid temperature information available (i.e. last measurement before the time
defined above), the temperature indicates an invalid value: 0x80.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com