| Electronic Components Datasheet Search |
|
BMA456 Datasheet(PDF) 44 Page - Bosch Sensortec GmbH |
|
|
|||||||||||||||||||||||||||||
BMA456 Datasheet(HTML) 44 Page - Bosch Sensortec GmbH |
|
44 / 129 page ![]() Data Sheet BMA456 Page 44 BST-BMA456-DS000-01 | Version 1.1 | October 2017 Bosch Sensortec © Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany. Note: Specifications within this document are subject to change without notice. 4.8. Auxiliary Sensor Interface The auxiliary interface allows to attach one auxiliary sensor (e.g. magnetometer) on dedicated auxiliary sensor interface as shown in Figure… 6-DOF Solution w/ BMA456 and BMM150 Structure and Concept The BMA456 controls the data acquisition of the auxiliary sensor and presents the data to the application processor through the primary I2C or SPI interface. No other I2C master or slave devices must be attached to the auxiliary sensor interface. The BMA456 autonomously reads the sensor data from a compatible auxiliary sensor without intervention of the application processor and stores the data in its data registers and FIFO. The initial setup of the auxiliary sensor after power-on is done through indirect addressing. The main benefits of the auxiliary sensor interface are Synchronization of sensor data of auxiliary sensor and accelerometer. This results in an improved sensor data fusion quality. Usage of the BMA456 FIFO for auxiliary sensor data (BMM150 does not have a FIFO). This is important for monitoring applications. Interface Configuration The configuration registers that control the auxiliary sensor interface operation, are only affecting the interface to the auxiliary sensor, not the configuration of the sensor itself (this must be done in setup mode). There are three basis configurations of the auxiliary sensor interface: No auxiliary sensor access Setup mode: Auxiliary sensor access in manual mode Data mode: Auxiliary sensor access through hardware readout loop. The setup of the auxiliary sensor itself must be done through the primary interface using indirect addressing in setup mode. When collecting sensor data, the BMA456 autonomously triggers the Application Processor BMA456 BMM150 I2C or SPI primary interface I2C auxiliary interface |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |