Electronic Components Datasheet Search
  English  ▼

X  

BMA456 Datasheet(PDF) 49 Page - Bosch Sensortec GmbH

Part # BMA456
Description  Digital, triaxial acceleration sensor
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA456 Datasheet(HTML) 49 Page - Bosch Sensortec GmbH

Back Button BMA456 Datasheet HTML 45Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 46Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 47Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 48Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 49Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 50Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 51Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 52Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 53Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 129 page
background image
Data Sheet
BMA456
Page 49
BST-BMA456-DS000-01 | Version 1.1 | October 2017
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third parties.
BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
4.9. Sensor Self-Test
The BMA456 has a comprehensive self test function for the MEMS element by applying electrostatic
forces to the sensor core instead of external accelerations. By actually deflecting the seismic mass,
the entire signal path of the sensor can be tested. Activating the self-test results in a static offset of
the acceleration data; any external acceleration or gravitational force applied to the sensor during
active self-test will be observed in the output as a superposition of both acceleration and self-test
signal.
Before the self-test is enabled the g-range should be set to 8g. The self-test is activated for all axes
by writing ACC_SELF_TEST.acc_self_test_en = 1b1. The self-test is disabled by writing
ACC_SELF_TEST.acc_self_test_en = 1b0. It is possible to control the direction of the deflection
through bit ACC_SELF_TEST.acc_self_test_sign. The excitation occurs in positive (negative) direction
if ACC_SELF_TEST.acc_self_test_sign= 1b1 (’b0). The amplitude of the deflection has to be set low
by writing ACC_SELF_TEST.acc_self_test_amp = 1b0. After the self-test is enabled, the user should
wait 50ms before interpreting the acceleration data.
In order to ensure a proper interpretation of the self-test signal it is recommended to perform the self-
test for both (positive and negative) directions and then to calculate the difference of the resulting
acceleration values. The table below shows the minimum differences for each axis in order for the self
test to pass. The actually measured signal differences can be significantly larger.
Self-test: Resulting minimum difference signal for BMA456.
x-axis signal
y-axis signal
z-axis signal
BMA456
1800 mg
1800 mg
1800 mg
It is recommended to perform a reset of the device after a self-test has been performed. If the reset
cannot be performed, the following sequence must be kept to prevent unwanted interrupt generation:
disable interrupts, change parameters of interrupts, wait for at least 50ms, and enable desired
interrupts.
The recommended self test procedure is as follows:
1. Enable accelerometer with register PWR_CTRL.acc_en=1b1.
2. Set ±8g range in register ACC_RANGE.acc_range
3. Set self test amplitude to low by setting ACC_SELF_TEST.acc_self_test_amp = 1b0
4. Set ACC_CONF.acc_odr=1600Hz, Continuous sampling mode,
ACC_CONF.acc_bwp=norm_avg4, ACC_CONF.acc_perf_mode=1b1.
5. Wait for > 2 ms
6. Enable self-test and set positive self-test polarity (ACC_SELF_TEST.acc_self_test_sign=
1b1)
7. Wait for > 50ms
8. Read and store positive acceleration value of each axis from registers DATA_8 to DATA_13
9. Enable self-test and set negative self-test polarity ACC_SELF_TEST.acc_self_test_sign=
1b0)
10. Wait for > 50ms
11. Read and store negative acceleration value of each axis from registers DATA_8 to DATA_13
12. Calculate difference of positive and negative acceleration values and compare against
threshold values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com