Electronic Components Datasheet Search
  English  ▼

X  

MSM66573 Datasheet(PDF) 21 Page - OKI electronic componets

Part # MSM66573
Description  16-Bit Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66573 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button MSM66573 Datasheet HTML 17Page - OKI electronic componets MSM66573 Datasheet HTML 18Page - OKI electronic componets MSM66573 Datasheet HTML 19Page - OKI electronic componets MSM66573 Datasheet HTML 20Page - OKI electronic componets MSM66573 Datasheet HTML 21Page - OKI electronic componets MSM66573 Datasheet HTML 22Page - OKI electronic componets MSM66573 Datasheet HTML 23Page - OKI electronic componets MSM66573 Datasheet HTML 24Page - OKI electronic componets MSM66573 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
PEDL66573-02
1Semiconductor
MSM66573 Family
21/28
(2) External data memory control
MSM66573L/Q573L (VDD=2.4 to 3.6 V, Ta=–30 to +70°C)
MSM66P573 (VDD=2.7 to 3.6 V, Ta=–30 to +70°C)
Parameter
Symbol
Condition
Min.
Max.
Unit
Cycle time
t
cyc
f
OSC=14 MHz
71.4
—
Clock pulse width (HIGH level)
tφWH
28
—
Clock pulse width (LOW level)
tφWL
28
—
RD pulse width
t
RW
2t
φ–25*1
—
WR pulse width
t
WW
2t
φ–25*1
—
RD pulse delay time
t
RD
—75
WR pulse delay time
t
WD
—75
Address setup time
t
AS
t
φ–40
—
Address hold time
t
AH
t
φ–8*2
—
Read data setup time
t
RS
60
—
Read data hold time
t
RH
0—
Read data access time
t
ACC
—
3t
φ–120
Write data setup time
t
WS
2t
φ–40
—
Write data hold time
t
WH
C
L=50 pF
t
φ–6
—
ns
Note: t =tcyc/2
*1: MSM66P573=2t –20
*2: MSM66P573=t–6
t
RH
tAH
tφWH
tφWL
t
cyc
RAP0 to 19
tRW
tRD
DIN0 to 7
tAS
t
ACC
t
RS
CPUCLK
RD
A0 to A19
D0 to D7
Bus timing during no wait cycle time
t
WH
t
AH
RAP0 to 19
t
WW
t
WD
DOUT0 to 7
t
AS
t
WS
WR
A0 to A19
D0 to D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com