Electronic Components Datasheet Search
  English  ▼

X  

MSM66573 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM66573
Description  16-Bit Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66573 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM66573 Datasheet HTML 9Page - OKI electronic componets MSM66573 Datasheet HTML 10Page - OKI electronic componets MSM66573 Datasheet HTML 11Page - OKI electronic componets MSM66573 Datasheet HTML 12Page - OKI electronic componets MSM66573 Datasheet HTML 13Page - OKI electronic componets MSM66573 Datasheet HTML 14Page - OKI electronic componets MSM66573 Datasheet HTML 15Page - OKI electronic componets MSM66573 Datasheet HTML 16Page - OKI electronic componets MSM66573 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
PEDL66573-02
1Semiconductor
MSM66573 Family
13/28
Supply current (VDD=4.5 to 5.5 V)
• MSM66573
(VDD=4.5 to 5.5 V, Ta=–30 to +70°C)
Mode
Symbol
Condition
Min.
Typ.
Max.
Unit
f=30 MHz, No Load
—36
55
mA
CPU operation mode
I
DD
f=32.768 kHz, No Load
—
60
160
µA
HALT mode
I
DDH
f=30 MHz, No Load
—23
35
mA
XT is used*
—
5
110
OSC is
stopped
XT is not
used*
—
1
100
STOP mode
I
DDS
OSC is stopped, XT is not
used
V
DD=2 V, Ta=25°C*
—0.2
10
µA
*: Ports used as inputs are at VDD or 0 V. Other ports are unloaded.
• MSM66Q573
(VDD=4.5 to 5.5 V, Ta=–30 to +70°C)
Mode
Symbol
Condition
Min.
Typ.
Max.
Unit
f=30 MHz, No Load
—42
70
mA
CPU operation mode
I
DD
f=32.768 kHz, No Load
—
60
160
µA
HALT mode
I
DDH
f=30 MHz, No Load
—
24
40
mA
XT is used*
—
5
110
OSC is
stopped
XT is not
used*
—
1
100
STOP mode
I
DDS
OSC is stopped, XT is not
used
V
DD=2 V, Ta=25°C*
—0.2
10
µA
*: Ports used as inputs are at VDD or 0 V. Other ports are unloaded.
• MSM66P573
(VDD=4.5 to 5.5 V, Ta=–30 to +70°C)
Mode
Symbol
Condition
Min.
Typ.
Max.
Unit
f=24 MHz, No Load
—60
80
mA
CPU operation mode
I
DD
f=32.768 kHz, No Load
—
114
300
µA
HALT mode
I
DDH
f=24 MHz, No Load
—
30
40
mA
XT is used*
—
6
120
OSC is
stopped
XT is not
used*
—
1
100
STOP mode
I
DDS
OSC is stopped, XT is not
used
V
DD=2 V, Ta=25°C*
—0.2
10
µA
*: Ports used as inputs are at VDD or 0 V. Other ports are unloaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com