Electronic Components Datasheet Search
  English  ▼

X  

MSM66573 Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM66573
Description  16-Bit Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66573 Datasheet(HTML) 2 Page - OKI electronic componets

  MSM66573 Datasheet HTML 1Page - OKI electronic componets MSM66573 Datasheet HTML 2Page - OKI electronic componets MSM66573 Datasheet HTML 3Page - OKI electronic componets MSM66573 Datasheet HTML 4Page - OKI electronic componets MSM66573 Datasheet HTML 5Page - OKI electronic componets MSM66573 Datasheet HTML 6Page - OKI electronic componets MSM66573 Datasheet HTML 7Page - OKI electronic componets MSM66573 Datasheet HTML 8Page - OKI electronic componets MSM66573 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
PEDL66573-02
1Semiconductor
MSM66573 Family
2/28
FEATURES
Name
MSM66573L
MSM66573
Operating temperature
–30°C to +70°C
Power supply voltage/
maximum frequency
V
DD=2.4 to 3.6 V/f=14 MHz
V
DD=4.5 to 5.5 V/f=30 MHz
143 ns at 14 MHz (2.4 to 3.6 V)
67ns at 30 MHz (4.5 to 5.5 V)
Minimum instruction
execution time
61
µs at 32.768 kHz (2.4 to 3.6/4.5 to 5.5 V)
Internal ROM size
(max. external)
64 KB
(1 MB)
Internal RAM size
(max. external)
4 KB
(1 MB)
I/Oports
75 I/O pins
(with programmable pull-up resistors)
8 input-only pins
16-bit free running timer
× 1ch
Compare out/capture input
× 2ch
16-bit timer (auto reload/timer out)
× 1ch
8-bit auto reload timer
× 1ch
8-bit auto reload timer
× 3ch
(also fumctions as serial communication baud rate generator)
Watchdog timer (also functions as 8-bit auto reload timer)
Watch timer (real-time counter)
× 1ch
Timers
8-bit PWM
× 4ch
(can also be used as 16-bit PWM
× 2ch)
Serial port
UART
× 1ch
Synchronous
× 1ch
UART/ Synchronous
× 1ch
A/D converter
10-bit A/D converter, 8-ch multiplexer
× 1ch
External interrupt
Non-maskable
× 1ch
Maskable
× 6ch
Interrrupt priority
3 levels
Separate address and data busses
Bus release function
Others
Dual clocks
OTP ROM version
MSM66P573 (Max. f = 24 MHz)
Flash ROM version
MSM66Q573L
MSM66Q573



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com