Electronic Components Datasheet Search
  English  ▼

X  

EPCQ16 Datasheet(PDF) 26 Page - Intel Corporation

Part # EPCQ16
Description  Quad-Serial Configuration
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EPCQ16 Datasheet(HTML) 26 Page - Intel Corporation

Back Button EPCQ16 Datasheet HTML 22Page - Intel Corporation EPCQ16 Datasheet HTML 23Page - Intel Corporation EPCQ16 Datasheet HTML 24Page - Intel Corporation EPCQ16 Datasheet HTML 25Page - Intel Corporation EPCQ16 Datasheet HTML 26Page - Intel Corporation EPCQ16 Datasheet HTML 27Page - Intel Corporation EPCQ16 Datasheet HTML 28Page - Intel Corporation EPCQ16 Datasheet HTML 29Page - Intel Corporation EPCQ16 Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
1.6.2. Flag Status Register
Table 27.
Flag Status Register Bits
Bit
Name
Value
Description
7
Write or Erase
Controller(11)
• 1=Ready
• 0=Busy
Indicates whether one of the following operation is in
progress:
• Write Status Register
• Write NVCR
• Write Bytes
• Erase
6
Erase suspend
• 1=In effect
• 0=Not in effect
Indicates whether an Erase operation has been or is going
to be suspended.
Note: Status bits are reset automatically
5
Erase
• 1=Failure or protection
error
• 0=Clear
Indicates whether an Erase operation has succeeded or
failed.
4
Write
• 1=Failure or protection
error
• 0=Clear
Indicates whether a Write Bytes operation has succeeded or
failed; also an attempt to write a 0 to a 1 when VPP = VPPH
and the data pattern is a multiple of 64 bits.
3
Reserved
2
Write suspend
• 1=In effect
• 0=Not in effect
Indicates whether a Write Bytes operation has been or will
be suspended.
1
Protection
• 1=Failure or protection
error
• 0=Clear
Indicates whether an Erase or Write Bytes operation has
attempted to modify the protected array sector.
0
Addressing
• 1=4-bytes addressing
• 0=3-bytes addressing
Indicates the addressing mode used.
1.6.2.1. Read Flag Status Register Operation(70h)
The Read flag status register can be read continuously and at any time, including
during a write or erase operation. You must read the Read flag status register every
time a write or erase command is issued.
Figure 3.
Read Flag Status Register Operation Timing Diagram
nCS
DCLK
DATA0
DATA
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
7
6
5
4
3
2
1
0
7
2
1
0
7
6
5
4
3
Operation Code (70h)
MSB
MSB
Status Register Out
Status Register Out
High Impedance
(11) Write or erase controller bit = NOT write in progress bit.
1. Quad-Serial Configuration (EPCQ) Devices Datasheet
CF52012 | 2018.06.01
Quad-Serial Configuration (EPCQ) Devices Datasheet
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com