Electronic Components Datasheet Search
  English  ▼

X  

EPCQ16 Datasheet(PDF) 38 Page - Intel Corporation

Part # EPCQ16
Description  Quad-Serial Configuration
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EPCQ16 Datasheet(HTML) 38 Page - Intel Corporation

Back Button EPCQ16 Datasheet HTML 34Page - Intel Corporation EPCQ16 Datasheet HTML 35Page - Intel Corporation EPCQ16 Datasheet HTML 36Page - Intel Corporation EPCQ16 Datasheet HTML 37Page - Intel Corporation EPCQ16 Datasheet HTML 38Page - Intel Corporation EPCQ16 Datasheet HTML 39Page - Intel Corporation EPCQ16 Datasheet HTML 40Page - Intel Corporation EPCQ16 Datasheet HTML 41Page - Intel Corporation EPCQ16 Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
Figure 19.
Erase Bulk Operation Timing Diagram
Operation Code (C7h)
DATA0
nCS
DCLK
0
1
2
3
4
5
6
7
The device initiates a self-timed erase bulk cycle immediately after the nCS signal is
driven high. For details about the self-timed erase bulk cycle time, refer to tEB in the
related information below.
You must account for this delay before accessing the memory contents. Alternatively,
you can check the write in progress bit in the status register by executing the read
status operation while the self-timed erase cycle is in progress. The write in progress
bit is set to 1 during the self-timed erase cycle and 0 when it is complete. The write
enable latch bit in the status register is reset to 0 before the erase cycle is complete.
Related Information
Write Operation Timing on page 40
The Write Operation Parameters provides more information about tWS, tES and tWB.
1.7.13. Erase Sector Operation (D8h)
The erase sector operation allows you to erase a certain sector in the EPCQ device by
setting all the bits inside the sector to 1 or 0xFF. This operation is useful if you want
to access the unused sectors as a general purpose memory in your applications. You
must execute the write enable operation before the erase sector operation.
When you execute the erase sector operation, you must first shift in the erase sector
operation code, followed by the 3-byte addressing mode (A[23..0]) or the 4-byte
addressing mode (A[31..0]) of the chosen sector on the DATA0 pin. The 3-byte
addressing mode or the 4-byte addressing mode for the erase sector operation can be
any address inside the specified sector. Drive the nCS signal high after the eighth bit
of the erase sector operation code has been latched in.
Figure 20.
Erase Sector Operation Timing Diagram
To access the entire EPCQ256 or EPCQ512/A memory, use 4-byte addressing mode. In the 4-byte addressing
mode, the address width is 32-bit address.
DATA0
Operation Code (D8h)
24-Bit Address
nCS
DCLK
0
1
2
3
4
5
6
7
8
9
28 29 30 31
3
2
1
0
23 22
MSB
1. Quad-Serial Configuration (EPCQ) Devices Datasheet
CF52012 | 2018.06.01
Quad-Serial Configuration (EPCQ) Devices Datasheet
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com