| Electronic Components Datasheet Search |
|
EPCQ16 Datasheet(PDF) 28 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
EPCQ16 Datasheet(HTML) 28 Page - Intel Corporation |
|
28 / 48 page ![]() 1.6.3.1. Read Non-Volatile Configuration Register Operation (B5h) To execute a read non-volatile configuration register, drive the nCS low. For extended SPI protocol, the operation code is input on DATA0, and output on DATA1. You can terminate the operation by driving the nCS low at any time during data output. The nonvolatile configuration register can be read continuously. After all 16 bits of the register have been read, a 0 is output. Figure 4. Read Non-Volatile Configuration Register Operation Timing Diagram 7 6 5 4 3 2 1 0 15 14 13 12 11 10 9 8 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 Operation Code (B5h) High Impedance NVCR Out NVCR Out LS Byte MS Byte nCS DCLK DATA0 DATA 1.6.3.2. Write Non-Volatile Configuration Register Operation (B1h) You need to write the non-volatile configuration registers for EPCQ devices for different configuration schemes. If you are using the .jic file, the Intel Quartus Prime programmer sets the number of dummy clock cycles and address bytes accordingly. If you are using an external programmer tools, you must set the non-volatile configuration registers. To set the non-volatile configuration register, follow these steps: 1. Execute the write enable operation. 2. Execute the write non-volatile configuration register operation. 3. Set the 16-bit register value. Set the 16-bit register value as b'1110 111y xxxx 1111 where y is the address byte (0 for 4-byte addressing and 1 for 3-byte addressing) and xxxx is the dummy clock value. When the xxxx value is from 0001 to 1110, the dummy clock value is from 1 to 14. When xxxx is 0000 or 1111, the dummy clock value is at the default value, which is 8 for standard fast read (AS x1) mode and 10 for extended quad input fast read (AS x4 mode). 1. Quad-Serial Configuration (EPCQ) Devices Datasheet CF52012 | 2018.06.01 Quad-Serial Configuration (EPCQ) Devices Datasheet 28 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |