Electronic Components Datasheet Search
  English  ▼

X  

PAM8403 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM8403
Description  FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8403 Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM8403 Datasheet HTML 1Page - Diodes Incorporated PAM8403 Datasheet HTML 2Page - Diodes Incorporated PAM8403 Datasheet HTML 3Page - Diodes Incorporated PAM8403 Datasheet HTML 4Page - Diodes Incorporated PAM8403 Datasheet HTML 5Page - Diodes Incorporated PAM8403 Datasheet HTML 6Page - Diodes Incorporated PAM8403 Datasheet HTML 7Page - Diodes Incorporated PAM8403 Datasheet HTML 8Page - Diodes Incorporated PAM8403 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PAM8403
Document number: DSxxxxx Rev. 1 - 4
1 of 11
www.diodes.com
November 2012
© Diodes Incorporated
PAM8403
A Product Line of
Diodes Incorporated
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Description
The PAM8403 is a 3W, class-D audio amplifier. It offers low THD+N,
allowing it to achieve high-quality sound reproduction. The new
filterless architecture allows the device to drive the speaker directly,
requiring no low-pass output filters, thus saving system cost and PCB
area.
With the same numbers of external components, the efficiency of the
PAM8403 is much better than that of Class-AB cousins. It can extend
the battery life, which makes it well-suited for portable applications.
The PAM8403 is available in SOP-16 package.
Features
3W Output at 10% THD with a 4Ω Load and 5V Power Supply
Filterless, Low Quiescent Current and Low EMI
Low THD+N
Superior Low Noise
Efficiency up to 90%
Short Circuit Protection
Thermal Shutdown
Few External Components to Save the Space and Cost
Pb-Free Package
Pin Assignments
Applications
LCD Monitors / TV Projectors
Notebook Computers
Portable Speakers
Portable DVD Players, Game Machines
Cellular Phones/Speaker Phones
Typical Applications Circuit


Similar Part No. - PAM8403

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8403 PAM-PAM8403 Datasheet
194Kb / 12P
Filterless 3W Class-D Stereo Audio Amplifier
logo
ARTSCHIP ELECTRONICS CO...
PAM8403 ARTSCHIP-PAM8403 Datasheet
237Kb / 12P
Filterless 3W Class-D Stereo Audio Amplifier
logo
Power Analog Micoelectr...
PAM8403DR PAM-PAM8403DR Datasheet
194Kb / 12P
Filterless 3W Class-D Stereo Audio Amplifier
logo
ARTSCHIP ELECTRONICS CO...
PAM8403DR ARTSCHIP-PAM8403DR Datasheet
237Kb / 12P
Filterless 3W Class-D Stereo Audio Amplifier
logo
Diodes Incorporated
PAM8403DR-H DIODES-PAM8403DR-H Datasheet
269Kb / 11P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
More results

Similar Description - PAM8403

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8403 PAM-PAM8403 Datasheet
194Kb / 12P
Filterless 3W Class-D Stereo Audio Amplifier
PAM8004 PAM-PAM8004 Datasheet
195Kb / 11P
Filterless 3W Class-D Stereo Audio Amplifier
PAM8404 PAM-PAM8404 Datasheet
347Kb / 18P
3W/CH Filterless Stereo Class-D Audio Amplifier
logo
Diodes Incorporated
PAM8403H DIODES-PAM8403H Datasheet
269Kb / 11P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
PAM8004 DIODES-PAM8004 Datasheet
307Kb / 11P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
PAM8007 DIODES-PAM8007 Datasheet
565Kb / 17P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
PAM8404 DIODES-PAM8404 Datasheet
707Kb / 18P
3W/CH FILTERLESS STEREO CLASS-D AUDIO AMPLIFIER
Rev 1
PAM8603M DIODES-PAM8603M Datasheet
343Kb / 14P
3W FILTERLESS STEREO CLASS-D AUDIO AMPLIFIER
Rev 1
logo
SHENZHEN FUMAN ELECTRON...
TC8403B FUMAN-TC8403B Datasheet
364Kb / 9P
3W Filterless Class D Stereo Audio Amplifier
logo
ARTSCHIP ELECTRONICS CO...
PAM8403 ARTSCHIP-PAM8403 Datasheet
237Kb / 12P
Filterless 3W Class-D Stereo Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com