Electronic Components Datasheet Search
  English  ▼

X  

PAM8403 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM8403
Description  FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8403 Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM8403 Datasheet HTML 1Page - Diodes Incorporated PAM8403 Datasheet HTML 2Page - Diodes Incorporated PAM8403 Datasheet HTML 3Page - Diodes Incorporated PAM8403 Datasheet HTML 4Page - Diodes Incorporated PAM8403 Datasheet HTML 5Page - Diodes Incorporated PAM8403 Datasheet HTML 6Page - Diodes Incorporated PAM8403 Datasheet HTML 7Page - Diodes Incorporated PAM8403 Datasheet HTML 8Page - Diodes Incorporated PAM8403 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PAM8403
Document number: DSxxxxx Rev. 1 - 4
3 of 11
www.diodes.com
November 2012
© Diodes Incorporated
PAM8403
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolonged time periods may
affect device reliability. All voltages are with respect to ground.
Parameter
Rating
Unit
Supply Voltage
6.0
V
Input Voltage
-0.3 to VDD +0.3V
Operation Temperature Range
-40 to +85
°C
Maximum Junction Temperature
150
Operation Junction Temperature
-40 to +125
Storage Temperature
-65 to +150
Soldering Temperature
300, 5 sec
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Parameter
Rating
Unit
Supply Voltage Range
2.5 to 5.5
V
Operation Temperature Range
-40 to +85
°C
Junction Temperature Range
-40 to +125
°C
Thermal Information
Parameter
Package
Symbol
Max
Unit
Thermal Resistance (Junction to Ambient)
SOP-16
θJA
110
°C/W
Thermal Resistance (Junction to Case)
SOP-16
θJC
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com