Electronic Components Datasheet Search
  English  ▼

X  

PAM8403 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM8403
Description  FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8403 Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM8403 Datasheet HTML 1Page - Diodes Incorporated PAM8403 Datasheet HTML 2Page - Diodes Incorporated PAM8403 Datasheet HTML 3Page - Diodes Incorporated PAM8403 Datasheet HTML 4Page - Diodes Incorporated PAM8403 Datasheet HTML 5Page - Diodes Incorporated PAM8403 Datasheet HTML 6Page - Diodes Incorporated PAM8403 Datasheet HTML 7Page - Diodes Incorporated PAM8403 Datasheet HTML 8Page - Diodes Incorporated PAM8403 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PAM8403
Document number: DSxxxxx Rev. 1 - 4
2 of 11
www.diodes.com
November 2012
© Diodes Incorporated
PAM8403
A Product Line of
Diodes Incorporated
Pin Descriptions
Pin
Number
Pin
Name
Function
1
+OUT_L
Left Channel Positive Output
2
PGND
Power GND
3
-OUT_L
Left Channel Negative Output
4
PVDD
Power VDD
5
MUTE
Mute Control Input (active low)
6
VDD
Analog VDD
7
INL
Left Channel Input
8
VREF
Internal analog reference, connect a bypass capacitor from VREF to GND.
9
NC
No Connact
10
INR
Right Channel Input
11
GND
Analog GND
12
SHND
Shutdown Control Input (active low)
13
PVDD
Power VDD
14
-OUT_R
Right Channel Negative Output
15
PGND
Power GND
16
+OUT_R
Right Channel Positive Output
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com