Electronic Components Datasheet Search
  English  ▼

X  

BME680 Datasheet(PDF) 3 Page - Bosch Sensortec GmbH

Part # BME680
Description  Low power gas, pressure, temperature & humidity sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME680 Datasheet(HTML) 3 Page - Bosch Sensortec GmbH

  BME680 Datasheet HTML 1Page - Bosch Sensortec GmbH BME680 Datasheet HTML 2Page - Bosch Sensortec GmbH BME680 Datasheet HTML 3Page - Bosch Sensortec GmbH BME680 Datasheet HTML 4Page - Bosch Sensortec GmbH BME680 Datasheet HTML 5Page - Bosch Sensortec GmbH BME680 Datasheet HTML 6Page - Bosch Sensortec GmbH BME680 Datasheet HTML 7Page - Bosch Sensortec GmbH BME680 Datasheet HTML 8Page - Bosch Sensortec GmbH BME680 Datasheet HTML 9Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
Bosch Sensortec | BME680 Datasheet
3 | 50
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BME680-DS001-00 Revision_1.0_072017
Key features
 Package
3.0 mm x 3.0 mm x 0.93 mm metal lid LGA
 Digital interface
I²C (up to 3.4 MHz) and SPI (3 and 4 wire, up to 10 MHz)
 Supply voltage
VDD main supply voltage range: 1.71 V to 3.6 V
VDDIO interface voltage range: 1.2 V to 3.6 V
 Current consumption
2.1 µA at 1 Hz humidity and temperature
3.1 µA at 1 Hz pressure and temperature
3.7 µA at 1 Hz humidity, pressure and temperature
0.09‒12 mA for p/h/T/gas depending on operation mode
0.15 µA in sleep mode
 Operating range
-40‒+85 °C, 0‒100% r.H., 300‒1100 hPa
 Individual humidity, pressure and gas sensors can be independently enabled/disabled
 The product is RoHS compliant, halogen-free, MSL1
Key parameters for gas sensor
 Response time (����33−63%)
< 1 s (for new sensors)
 Power consumption
< 0.1 mA in ultra-low power mode
 Output data processing
direct indoor air quality (IAQ) index output
Key parameters for humidity sensor
 Response time (����0−63%)
~8 s
 Accuracy tolerance
±3% r.H.
 Hysteresis
±1.5% r.H.
Key parameters for pressure sensor
 RMS Noise
0.12 Pa, equiv. to 1.7 cm
 Offset temperature coefficient
±1.3 Pa/K, equiv. to ±10.9 cm at 1 °C temperature change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com