Electronic Components Datasheet Search
  English  ▼

X  

MSM6654 Datasheet(PDF) 35 Page - OKI electronic componets

Part # MSM6654
Description  Internal Mask ROM Voice Synthesis IC, Internal One-Time-Programmable OTP ROM Voice Synthesis IC, External ROM Drive Voice Synthesis IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6654 Datasheet(HTML) 35 Page - OKI electronic componets

Back Button MSM6654 Datasheet HTML 31Page - OKI electronic componets MSM6654 Datasheet HTML 32Page - OKI electronic componets MSM6654 Datasheet HTML 33Page - OKI electronic componets MSM6654 Datasheet HTML 34Page - OKI electronic componets MSM6654 Datasheet HTML 35Page - OKI electronic componets MSM6654 Datasheet HTML 36Page - OKI electronic componets MSM6654 Datasheet HTML 37Page - OKI electronic componets MSM6654 Datasheet HTML 38Page - OKI electronic componets MSM6654 Datasheet HTML 39Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
35/45
¡ Semiconductor
MSM6650 Family
FEDL6650-03
ELECTRICAL CHARACTERISTICS
DC Characteristics
*1. Applied to RESET, CMD, ST, CH.
*2. Applied to MSM6652/53/54/55/56, MSM6652A/53A/54A/55A/56A/58A, MSM6650.
*3. Applied to MSM66P54/P56.
DC Characteristics
Note: Applied to RESET, CMD, ST, CH.
Parameter
Symbol
Condition
Min.
Unit
VIH
VIL
VOH
VOL
IIH1
IIH2
IIL1
IIL2
IDD
High level input voltage
Low level input voltage
High level output voltage
Low level output voltage
High level input current 1
High level input current 2
Low level input current 1
Low level input current 2
Operating current
Standby current
D/A output relative accuracy
—
—
IOH=–1 mA
IOL=2 mA
VIH=VDD
Internal pull-down resistor
VIL=GND
Internal pull-up resistor
fOSC=4.096 MHz, No load
Ta=–40
°C to +50°C
Ta=–40
°C to +85°C
When D/A output selected
0.84¥VDD
—
4.6
—
—
30
–10
–200
—
—
—
—
V
V
V
V
mA
mA
mA
mA
mA
mA
mA
mV
Typ.
Max.
—
—
—
—
—
90
—
–90
6
—
—
—
—
0.17¥VDD
—
0.4
10
200
—
–30
10
10
30
40
(VDD=4.5 to 5.5 V, GND=0 V, Ta=–40 to +85
°C)
*1
RDAO
RAOUT
RLPF
D/A output impedance
LPF driving resisance
LPF output impedance
When D/A output selected *2
When D/A output selected *3
When LPF output selected
IF=100 mA
15
15
50
—
kW
kW
kW
kW
25
30
—
1
35
45
—
3
IDS
|VDAE|
Parameter
Symbol
Condition
Min.
Unit
VIH
VIL
VOH
VOL
IIH1
IIH2
IIL1
IIL2
IDD
High level input voltage
Low level input voltage
High level output voltage
Low level output voltage
High level input current 1
High level input current 2
Low level input current 1
Low level input current 2
Operating current
Standby current
D/A output relative accuracy
D/A output impedance
LPF driving resistance
LPF output impedance
—
—
IOH=–1 mA
IOL=2 mA
VIH=VDD
Internal pull-down resistor
VIL=GND
Internal pull-up resistor
fOSC=4.096 MHz, No load
Ta=–40
°C to +50°C
Ta=–40
°C to +85°C
When D/A output selected
When D/A output selected
When LPF output selected
IF=100 mA
0.84¥VDD
—
2.6
—
—
10
–10
–100
—
—
—
—
15
50
—
V
V
V
V
mA
mA
mA
mA
mA
mA
mA
mV
kW
kW
kW
(VDD=2.4 to 3.6 V, GND=0 V, Ta=–40 to +85
°C)
Typ.
Max.
—
—
—
—
—
30
—
–30
4
—
—
—
25
—
1
—
0.17¥VDD
—
0.4
10
100
—
–10
7
5
20
20
35
—
3
(Note)
IDS
|VDAE|
RDAO
RAOUT
RLPF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com