Electronic Components Datasheet Search
  English  ▼

X  

ANSG08 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ANSG08
Description  8-Ch Auto Sensitivity Calibration Capacitive Touch Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ANSG08 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ANSG08 Datasheet HTML 9Page - List of Unclassifed Manufacturers ANSG08 Datasheet HTML 10Page - List of Unclassifed Manufacturers ANSG08 Datasheet HTML 11Page - List of Unclassifed Manufacturers ANSG08 Datasheet HTML 12Page - List of Unclassifed Manufacturers ANSG08 Datasheet HTML 13Page - List of Unclassifed Manufacturers ANSG08 Datasheet HTML 14Page - List of Unclassifed Manufacturers ANSG08 Datasheet HTML 15Page - List of Unclassifed Manufacturers ANSG08 Datasheet HTML 16Page - List of Unclassifed Manufacturers ANSG08 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
ADSemiconductor®
ANSG08 (8-CH Auto Sensitivity Calibration Capacitive Touch Sensor)
AD Semiconductor Confidential
12 / 39
6.5 INT (Interrupt output) Implementation
An INT pin is for the touch sensing interrupt output. The interrupt pulse is generated only during
short period of every each channel touch start point and touch end point. Interrupt pulse has
logical low level. INT has NMOS open drain structure and internal pull-up resister of which value
is 30kΩ typical.
6.6 Change initial reset register values (EEPROM writing)
ANSG08 has an EEPROM.
So, initial reset register values can be rewritten.
The erase and write cycle endurance of the EEPROM is at least 300,000.
There are three operation modes about EEPROM read/write. These are automatically load
operation mode, writing operation mode and reading operation mode.
OUTPUT1
OUTPUT2
OUTPUT8
D1
ROUT1
VDD
D2
D8
ROUT2
ROUT8
Active low parallel output mode circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com