Electronic Components Datasheet Search
  English  ▼

X  

ANSG08 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ANSG08
Description  8-Ch Auto Sensitivity Calibration Capacitive Touch Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ANSG08 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ANSG08 Datasheet HTML 17Page - List of Unclassifed Manufacturers ANSG08 Datasheet HTML 18Page - List of Unclassifed Manufacturers ANSG08 Datasheet HTML 19Page - List of Unclassifed Manufacturers ANSG08 Datasheet HTML 20Page - List of Unclassifed Manufacturers ANSG08 Datasheet HTML 21Page - List of Unclassifed Manufacturers ANSG08 Datasheet HTML 22Page - List of Unclassifed Manufacturers ANSG08 Datasheet HTML 23Page - List of Unclassifed Manufacturers ANSG08 Datasheet HTML 24Page - List of Unclassifed Manufacturers ANSG08 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
ADSemiconductor®
ANSG08 (8-CH Auto Sensitivity Calibration Capacitive Touch Sensor)
AD Semiconductor Confidential
20 / 39
8.2 Details
8.2.1 EEPROM Set 1
Type: R/W
Address
Register Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
00h
prom_set1
eeprom_set1
Description
The first flag byte for the valid data of EEPROM. If the data of this address isn‟t 0xAA on EEPROM, all data
on EEPROM are invalid. So, the data of this address must be written by 0xAA if user wants to change the reset
value using EEPROM.
Bit name
Reset value
Function
eeprom_set1
00000000
10101010 : EEPROM data is valid
others
: EEPROM data is invalid
8.2.2 Channel enable / reset register
Type: R/W
Address
Register Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
01h
ch_enable
/soft_rst
ch8_en
ch7_en
ch6_en
ch5_en
ch4_en
ch3_en
ch2_en
ch1_en
Description
Enable, disable and reset of each channel control register.
Bit name
Reset value
Function
chx_en
1
Channel enable / disable and Channel reset (chx_en is control bit for CSx channel)
0 : Channel disable and sensing channel reset
1 : Channel enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com