Electronic Components Datasheet Search
  English  ▼

X  

ANSG08 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # ANSG08
Description  8-Ch Auto Sensitivity Calibration Capacitive Touch Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ANSG08 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button ANSG08 Datasheet HTML 13Page - List of Unclassifed Manufacturers ANSG08 Datasheet HTML 14Page - List of Unclassifed Manufacturers ANSG08 Datasheet HTML 15Page - List of Unclassifed Manufacturers ANSG08 Datasheet HTML 16Page - List of Unclassifed Manufacturers ANSG08 Datasheet HTML 17Page - List of Unclassifed Manufacturers ANSG08 Datasheet HTML 18Page - List of Unclassifed Manufacturers ANSG08 Datasheet HTML 19Page - List of Unclassifed Manufacturers ANSG08 Datasheet HTML 20Page - List of Unclassifed Manufacturers ANSG08 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
ADSemiconductor®
ANSG08 (8-CH Auto Sensitivity Calibration Capacitive Touch Sensor)
AD Semiconductor Confidential
16 / 39
7.7 Transferring data
7.7.1 Write operation
The byte sequence is as follows:
1.
The first byte gives the device address plus the direction bit (R/W = 0).
2.
The second byte contains the internal address of the first register to be accessed.
3.
The next byte is written in the internal register. Following bytes are written in successive
internal registers.
4.
The transfer lasts until stop conditions are encountered.
5.
The ANSG08 acknowledges every byte transfer.
7.7.2 Read operation
The address of the first register to read is programmed in a write operation without data, and
terminated by the stop condition. Then, another start is followed by the device address and
R/W= 1. All following bytes are now data to be read at successive positions starting from the
initial address.
7.7.3 Read/Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com