Electronic Components Datasheet Search
  English  ▼

X  

NTC5D11 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # NTC5D11
Description  Conversion power, switch mode power supply, UPS power protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NTC5D11 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  NTC5D11 Datasheet HTML 1Page - List of Unclassifed Manufacturers NTC5D11 Datasheet HTML 2Page - List of Unclassifed Manufacturers NTC5D11 Datasheet HTML 3Page - List of Unclassifed Manufacturers NTC5D11 Datasheet HTML 4Page - List of Unclassifed Manufacturers NTC5D11 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTC THERMISTOR
NTC THERMISTOR
NTC THERMISTOR
NTC THERMISTOR
Http://www.shin-hang.com.tw
3/5
Email: f2223834@ms35.hinet.net
Dia.
Parameter
Zero Power
Resistance
at 25℃
Max.
Steady
State
Current
Max.
Current
Remain
Resistance
Thermal
Dissipation
Constant
Thermal
Time
Constant
Operating
Temperature
(Φ)
R25 (Ω)
(A)
(mΩ)
(mW/℃)
(s)
(℃)
NTC5D5
5
1
261
7
16
NTC8D5
8
0.8
487
7
16
NTC10D5
10
0.8
642
7
16
NTC16D5
16
0.5
1093
5
16
NTC20D5
20
0.5
1386
5
16
NTC22D5
22
0.3
5560
5
17
NTC5D7
5
2
241
9
23
NTC8D7
8
1.5
436
9
23
NTC10D7
10
1.5
572
9
23
NTC16D7
16
1.5
897
9
23
NTC22D7
22
1
1083
8
23
NTC4D8
4
2
261
17
31
NTC5D8
5
3
283
17
36
NTC6D8
6
3
441
17
36
NTC8D8
8
2
520
16
36
NTC10D8
10
2
542
17
38
NTC16D8
16
2
548
15
38
NTC20D8
20
1
1544
17
41
NTC30D8
30
0.5
4094
16
33
NTC3D9
3
4
133
11
35
NTC4D9
4
3
191
11
35
NTC5D9
5
3
236
11
35
NTC6D9
6
2
318
11
35
NTC8D9
8
2
382
11
34
NTC10D9
10
2
467
12
34
NTC16D9
16
2
688
12
32
NTC22D9
22
1.5
899
12
30
NTC25D9
25
1
914
12
30
NTC35D9
35
1
1103
12
30
NTC50D9
50
1
7265
11
28
NTC60D9
60
1
1521
11
28
NTC80D9
80
0.8
2108
11
28
NTC100D9
100
0.7
2576
11
28
NTC220D9
220
0.5
5923
10
28
-40 ~ 150
-40 ~ 170
5
7
8
9
Specification:
Specification:
Specification:
Specification:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com