Electronic Components Datasheet Search
  English  ▼

X  

NTC5D11 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # NTC5D11
Description  Conversion power, switch mode power supply, UPS power protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NTC5D11 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  NTC5D11 Datasheet HTML 1Page - List of Unclassifed Manufacturers NTC5D11 Datasheet HTML 2Page - List of Unclassifed Manufacturers NTC5D11 Datasheet HTML 3Page - List of Unclassifed Manufacturers NTC5D11 Datasheet HTML 4Page - List of Unclassifed Manufacturers NTC5D11 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NTC THERMISTOR
NTC THERMISTOR
NTC THERMISTOR
NTC THERMISTOR
Http://www.shin-hang.com.tw
5/5
Email: f2223834@ms35.hinet.net
Dia.
Parameter
Zero Power
Resistance
at 25℃
Max.
Steady
State
Current
Max.
Current
Remain
Resistance
Thermal
Dissipation
Constant
Thermal
Time
Constant
Operating
Temperature
(Φ)
R25 (Ω)
(A)
(mΩ)
(mW/℃)
(s)
(℃)
NTC0R7D13
0.7
7
33
12
62
NTC1D13
1
7
58
12
62
NTC2R5D13
2.5
6
99
13
60
NTC3D13
3
6
112
14
60
NTD5D13
5
5
136
15
65
NTC6D13
6
4
190
15
68
NTC8D13
8
4
256
16
65
NTC10D13
10
4
271
16
60
NTC16D13
16
3.5
368
16
60
NTC22D13
22
3.5
492
16
60
NTC25D13
25
3
527
16
60
NTC35D13
35
3
843
16
58
NTC50D13
50
2
986
16
60
NTC60D13
60
2
1275
17
58
NTC80D13
80
1.8
1498
17
58
NTC0R1D15
0.1
12
22
16
79
NTC0R7D15
0.7
8
37
16
81
NTC1D15
1
8
49
17
81
NTC1R5D15
1.5
8
56
18
79
NTC2D15
2
7
73
19
76
NTC2R5D15
2.5
7
87
19
69
NTC3D15
3
7
94
19
65
NTC5D15
5
6
132
20
76
NTC6D15
6
5
168
20
76
NTC8D15
8
5
196
20
80
NTC10D15
10
5
255
20
80
NTC16D15
16
4
307
19
77
NTC22D15
22
4
393
19
77
NTC25D15
25
4
429
20
76
NTC35D15
35
3.5
610
19
80
NTC50D15
50
3
771
19
80
NTC0R1D20
0.1
15
4
55
112
NTC0R7D20
0.7
12
26
55
109
NTC1D20
1
10
43
55
107
NTC2D20
2
9
62
27
88
NTC3D20
3
8.5
79
24
88
NTC5D20
5
8
106
24
86
NTC8D20
8
7
157
23
103
NTC10D20
10
6.5
194
23
118
NTC16D20
16
5.5
236
23
113
13
15
20
-40 ~ 170
Specification:
Specification:
Specification:
Specification:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com