Electronic Components Datasheet Search
  English  ▼

X  

NTC5D11 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # NTC5D11
Description  Conversion power, switch mode power supply, UPS power protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NTC5D11 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  NTC5D11 Datasheet HTML 1Page - List of Unclassifed Manufacturers NTC5D11 Datasheet HTML 2Page - List of Unclassifed Manufacturers NTC5D11 Datasheet HTML 3Page - List of Unclassifed Manufacturers NTC5D11 Datasheet HTML 4Page - List of Unclassifed Manufacturers NTC5D11 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NTC THERMISTOR
NTC THERMISTOR
NTC THERMISTOR
NTC THERMISTOR
Http://www.shin-hang.com.tw
4/5
Email: f2223834@ms35.hinet.net
Dia.
Parameter
Zero Power
Resistance
at 25℃
Max.
Steady
State
Current
Max.
Current
Remain
Resistance
Thermal
Dissipation
Constant
Thermal
Time
Constant
Operating
Temperature
(Φ)
R25 (Ω)
(A)
(mΩ)
(mW/℃)
(s)
(℃)
NTC2R5D10
2.5
5
120
18
46
NTC3D10
3
5
119
18
45
NTC4D10
4
4
161
16
40
NTC5D10
5
4
180
17
33
NTC6D10
6
3
278
17
43
NTC10D10
10
3
297
17
46
NTC12D10
12
3
301
18
50
NTC13D10
13
3
356
18
49
NTC15D10
15
2.5
442
17
51
NTC16D10
16
2
604
18
55
NTC20D10
20
2
646
17
54
NTC25D10
25
2
674
17
52
NTC30D10
30
2
700
17
50
NTC47D10
47
2
720
18
49
NTC50D10
50
2
1170
18
49
NTC80D10
80
1
2236
17
53
NTC100D10
100
1
2318
17
45
NTC120D10
120
1
2406
19
54
NTC2R5D11
2.5
5
126
13
46
NTC3D11
3
5
126
13
46
NTC4D11
4
4
167
13
45
NTC5D11
5
4
228
13
45
NTC6D11
6
3
273
13
46
NTC8D11
8
3
301
13
45
NTC10D11
10
3
395
14
45
NTC16D11
16
2.5
488
14
48
NTC22D11
22
2.5
739
14
46
NTC25D11
25
2
838
14
46
NTC35D11
35
2
906
14
46
NTC50D11
50
1.5
1204
13
48
NTC60D11
60
1.5
1652
13
48
NTC80D11
80
1.3
1865
13
50
NTC100D11
100
1
2217
13
52
-40 ~ 170
10
11
Specification:
Specification:
Specification:
Specification:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com