Electronic Components Datasheet Search
  English  ▼

X  

AP5056 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AP5056
Description  1A Linear Li-Ion Battery Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP5056 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AP5056 Datasheet HTML 1Page - List of Unclassifed Manufacturers AP5056 Datasheet HTML 2Page - List of Unclassifed Manufacturers AP5056 Datasheet HTML 3Page - List of Unclassifed Manufacturers AP5056 Datasheet HTML 4Page - List of Unclassifed Manufacturers AP5056 Datasheet HTML 5Page - List of Unclassifed Manufacturers AP5056 Datasheet HTML 6Page - List of Unclassifed Manufacturers AP5056 Datasheet HTML 7Page - List of Unclassifed Manufacturers AP5056 Datasheet HTML 8Page - List of Unclassifed Manufacturers AP5056 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP5056
1
Using SOP8/MSOP8 package
1A Linear Li-Ion Battery Charger
Description
The AP5056 is a complete constant current & constant
voltage linear charger for single cell lithium-ion batteries.
Its SOP/MSOP package and low external component
count make the AP5056 ideally suited for portable
applications. Furthermore, the AP5056 is specifically
designed to work within USB power specifications.
No external sense resistor is needed, and no blocking
diode is required due to the internal MOSFET
architecture. Thermal feedback regulates the charge
current to limit the die temperature during high power
operation or high ambient temperature. The charge
voltage is fixed at 4.2V, and the charge current can be
programmed externally with a single resistor. The
AP5056 automatically terminates the charge cycle when
the charge current drops to 1/10th the programmed value
after the final float voltage is reached.
When the input supply (wall adapter or USB supply) is
removed, the AP5056 automatically enters a low current
state, dropping the battery drain current to less than 2uA.
The AP5056 can be put into shutdown mode, reducing
the supply current to 50uA.
Other features include Battery temperature monitor,
under-voltage lockout, automatic recharge and two status
pins to indicate charge and charge termination.
Applications
Cellular Telephones, PDAs, MP3 /MP4 Players
Charging Docks and Cradles
Bluetooth 、GPS Applications
Features
Programmable Charge Current Up to 1000mA
No MOSFET, Sense Resistor or Blocking Diode
Required
Complete Linear Charger in SOP/MSOP Package for
single Cell Lithium-Ion Batteries
Constant-Current/Constant-Voltage Operation with
Thermal Regulation to Maximize Charge Rate
Without Risk of Overheating
Charges Single Cell Li-Ion Batteries Directly from
USB Port
Preset 4.2V Charge Voltage with ±1% Accuracy
Charge Current Monitor Output for Gas Gauging
Automatic Recharge
Charge state pairs of output, no battery and fault
status display
C/10 Charge Termination
50uA Supply Current in Shutdown
2.9V Trickle Charge Threshold
Soft-Start Limits Inrush Current
Battery temperature monitoring function
Available in SOP8-PP/ MSOP8-PP Package
Package
SOP8-PP/MSOP8-PP
5
6
7
8
4
3
2
Typical Application Circuit


Similar Part No. - AP5056

ManufacturerPart #DatasheetDescription
logo
Extreme Networks.
AP5050D EXTREMENETWORKS-AP5050D Datasheet
944Kb / 18P
Wi-Fi 6E Tri-Radio IP67-Rated Outdoor Access Point
4sep24
AP5050U EXTREMENETWORKS-AP5050U Datasheet
944Kb / 18P
Wi-Fi 6E Tri-Radio IP67-Rated Outdoor Access Point
4sep24
logo
Wuxi Chipown Micro-elec...
AP5057 CHIPOWN-AP5057 Datasheet
291Kb / 7P
1A Linear Li-Ion Battery Charger
V2.0
AP5057SPER CHIPOWN-AP5057SPER Datasheet
291Kb / 7P
1A Linear Li-Ion Battery Charger
V2.0
logo
Extreme Networks.
AP505I EXTREMENETWORKS-AP505I Datasheet
259Kb / 7P
Wi-Fi 6 (802.11ax) Dual-Radio Access Point with Integrated Antenna
9aug23
More results

Similar Description - AP5056

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3683 ANALOGICTECH-AAT3683 Datasheet
595Kb / 24P
1A Linear Li-Ion Battery Charger
AAT3683 ANALOGICTECH-AAT3683_08 Datasheet
455Kb / 23P
1A Linear Li-Ion Battery Charger
logo
Skyworks Solutions Inc.
AAT3683 SKYWORKS-AAT3683_12 Datasheet
1Mb / 22P
1A Linear Li-Ion Battery Charger
logo
Billiton Ltd.
TP4056 ASIC-TP4056 Datasheet
969Kb / 17P
1A Linear Li-Ion Battery Charger
logo
SHENZHEN FUMAN ELECTRON...
TC4056A FUMAN-TC4056A Datasheet
1Mb / 20P
1A Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
1A Standalone Linear Li-Ion Battery Charger
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
1A Standalone Linear Li-Ion Battery Charger
logo
AiT Semiconductor Inc.
A4051 AITSEMI-A4051 Datasheet
416Kb / 9P
BATTERY MANAGEMENT 1A LINEAR LI-ION BATTERY CHARGER
REV1.5
logo
Diodes Incorporated
AUR9811D DIODES-AUR9811D Datasheet
551Kb / 14P
1A LI-ION/LI POLYMER BATTERY LINEAR CHARGER
August 2019
logo
Shenzhen Tuofeng Semico...
TF4056A TUOFENG-TF4056A Datasheet
4Mb / 8P
1A Linear Li-Ion Battery Charger
May,2020 V1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com