Electronic Components Datasheet Search
  English  ▼

X  

AP5056 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AP5056
Description  1A Linear Li-Ion Battery Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP5056 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AP5056 Datasheet HTML 1Page - List of Unclassifed Manufacturers AP5056 Datasheet HTML 2Page - List of Unclassifed Manufacturers AP5056 Datasheet HTML 3Page - List of Unclassifed Manufacturers AP5056 Datasheet HTML 4Page - List of Unclassifed Manufacturers AP5056 Datasheet HTML 5Page - List of Unclassifed Manufacturers AP5056 Datasheet HTML 6Page - List of Unclassifed Manufacturers AP5056 Datasheet HTML 7Page - List of Unclassifed Manufacturers AP5056 Datasheet HTML 8Page - List of Unclassifed Manufacturers AP5056 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AP5056
3
Electrical Characteristics
Parameter
Symbol
CONDITION
MIN
TYP
MAX
UNIT
Input supply voltage
Vcc
4.25
6.5
V
Charge mode, RPROG =10K
350
2000
uA
Standby mode
150
500
uA
Input supply current
Icc
Shutdown mode(RPROG not
connected,Vcc<Vbat or
Vcc<Vuv)
50
100
uA
Regulated Output Voltage
Vfloat
0°C≤TA≤85°C, IBAT = 40mA
4.158
4.2
4.242
V
RPROG =2k,Current mode
465
500
535
mA
RPROG =1k,Current mode
934
1000
1070
mA
Standby mode,Vbat=4.2V
0
-2.5
-6
uA
Shutdown mode
1
2
uA
BAT pin Current
Ibat
Sleep mode,Vcc=0V
0.3
2
uA
Trickle charge current
Itrikl
Vbat<Vtrikl,Rprog=1k
93
100
107
mA
Trickle charge Threshold Voltage
Vtrikl
RPROG =10K,Vbat Rising
2.8
2.9
3.0
V
Trickle voltage hysteresis voltage
Vtrhys
RPROG =1k
60
80
110
mV
Vcc Undervoltage lockout
Threshold
Vuv
From Vcc low to high
3.7
3.8
3.93
V
Vcc undervoltage lockout
hysteresis
Vuvhys
150
200
300
mV
Vcc from low to high
50
100
140
mV
Vcc-Vbat Lockout Threshold
voltage
Vasd
Vcc from high to low
5
40
50
mV
RPROG=1k
0.085
0.1
0.115 mA/mA
C/10 Termination Current
Threshold
Iterm
RPROG=2k
0.085
0.1
0.115 mA/mA
PROG pin Voltage
Vprog
RPROG =1k, Current mode
0.93
1.0
1.07
V
CHRG pin Output low voltage
Vchrg
Ichrg=5mA
0.35
0.6
V
STDBY pin Output low voltage
Vstdby
Istdby=5mA
0.35
0.6
V
Recharge Battery threshold
Voltage
ΔVrecg
VFLOAT - VRECHRG
100
200
mV
CE high voltage
Vce-h
1.2
V
CE low voltage
Vce-l
.
0.6
V
TEMP pin voltage of the high-end
flip
Vtemp-h
80
82
%Vcc
TEMP pin voltage of the low-end
flip
Vtemp-l
43
45
%Vcc
Limited temperature patterns in
the junction temperature
Tlim
145
℃



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com