Electronic Components Datasheet Search
  English  ▼

X  

AP5056 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AP5056
Description  1A Linear Li-Ion Battery Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP5056 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  AP5056 Datasheet HTML 1Page - List of Unclassifed Manufacturers AP5056 Datasheet HTML 2Page - List of Unclassifed Manufacturers AP5056 Datasheet HTML 3Page - List of Unclassifed Manufacturers AP5056 Datasheet HTML 4Page - List of Unclassifed Manufacturers AP5056 Datasheet HTML 5Page - List of Unclassifed Manufacturers AP5056 Datasheet HTML 6Page - List of Unclassifed Manufacturers AP5056 Datasheet HTML 7Page - List of Unclassifed Manufacturers AP5056 Datasheet HTML 8Page - List of Unclassifed Manufacturers AP5056 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AP5056
6
Ordering Information
Part Number
Top Mark
Package
AP5056
5056
XXYY
SOP8-PP
AP5056IM8P
5056
XXYY
MSOP8-PP
Pin Configuration
5
6
7
8
4
3
2
Pin Assignment
Pin Number
Pin Name
1
TEMP
2
PROG
3
GND
4
VCC
5
BAT
6
STDBY
7
CHRG
8
CE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com