Electronic Components Datasheet Search
  English  ▼

X  

LD7576PS Datasheet(PDF) 18 Page - Leadtrend Technology

Part # LD7576PS
Description  Green-Mode PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7576PS Datasheet(HTML) 18 Page - Leadtrend Technology

Back Button LD7576PS Datasheet HTML 14Page - Leadtrend Technology LD7576PS Datasheet HTML 15Page - Leadtrend Technology LD7576PS Datasheet HTML 16Page - Leadtrend Technology LD7576PS Datasheet HTML 17Page - Leadtrend Technology LD7576PS Datasheet HTML 18Page - Leadtrend Technology LD7576PS Datasheet HTML 19Page - Leadtrend Technology LD7576PS Datasheet HTML 20Page - Leadtrend Technology LD7576PS Datasheet HTML 21Page - Leadtrend Technology LD7576PS Datasheet HTML 22Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
LD7576/76H/76J/76K
18
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7576-DS-04a
December 2009
BOM
P/N
Component Value
Original
P/N
Component Value
Note
R1A
N/A
C1
22
μF, 400V
L-tec
R1B
N/A
C2
22
μF, 50V
L-tec
R4A
39K
Ω, 1206
C4
1000pF, 1000V, 1206
Holystone
R4B
39K
Ω, 1206
C5
0.01
μF, 16V, 0805
R6
2.2
Ω, 1206
C51
1000pF, 50V, 0805
R7
10
Ω, 1206
C52
1000
μF, 10V
L-tec
R8
10K
Ω, 1206
C54
470
μF, 10V
L-tec
R9
10K
Ω, 1206
C55
0.022
μF, 16V, 0805
RS1
2.7
Ω, 1206, 1%
CT
0.047
μF, 10V, 0805
X5R
RS2
2.7
Ω, 1206, 1%
CX1
0.1
μF
X-cap
R51A
100
Ω, 1206
CY1
2200pF
Y-cap
R51B
100
Ω, 1206
D1A
1N4007
R52
2.49K
Ω, 0805, 1%
D1B
1N4007
R53
2.49K
Ω, 0805, 1%
D1C
1N4007
R54
100
Ω, 0805
D1D
1N4007
R55
1K
Ω, 0805
D2
PS102R
R56A
2.7K
Ω, 1206
D4
1N4007
R56B
N/A
Q1
2N60B
600V, 2A
NTC1
5
Ω, 3A
08SP005
CR51
SB540
FL1
20mH
UU9.8
ZD51
6V2C
T1
EI-22
IC1
LD7576PS
SOP-8
L51
2.7
μH
IC2
EL817B
IC51
TL431
1%
F1
250V, 1A
Z1
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com