Electronic Components Datasheet Search
  English  ▼

X  

LD7576PS Datasheet(PDF) 11 Page - Leadtrend Technology

Part # LD7576PS
Description  Green-Mode PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7576PS Datasheet(HTML) 11 Page - Leadtrend Technology

Back Button LD7576PS Datasheet HTML 7Page - Leadtrend Technology LD7576PS Datasheet HTML 8Page - Leadtrend Technology LD7576PS Datasheet HTML 9Page - Leadtrend Technology LD7576PS Datasheet HTML 10Page - Leadtrend Technology LD7576PS Datasheet HTML 11Page - Leadtrend Technology LD7576PS Datasheet HTML 12Page - Leadtrend Technology LD7576PS Datasheet HTML 13Page - Leadtrend Technology LD7576PS Datasheet HTML 14Page - Leadtrend Technology LD7576PS Datasheet HTML 15Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LD7576/76H/76J/76K
11
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7576-DS-04a
December 2009
Current Sensing, Leading-Edge Blanking
and the Negative Spike on CS Pin
The typical current mode PWM controller feeds back both
current signal and voltage signal to close the control loop
and achieve regulation. The LD7576X series detects the
primary MOSFET current from the CS pin, which is not
only for the peak current mode control but also for the
pulse-by-pulse
current
limit.
The
maximum
voltage
threshold of the current sensing pin is set at 0.85V. Thus
the MOSFET peak current can be calculated as:
S
)
MAX
(
PEAK
R
V
85
.
0
I
=
A 230nS leading-edge blanking (LEB) time is provided in
the input of CS pin to prevent false-triggering from a
current spike. In low power applications, if the total pulse
width of the turn-on spikes is less than 230nS and the
negative spike on the CS pin does not exceed -0.3V, the
R-C filter (as shown in figure15) can be eliminated.
However, the total pulse width of the turn-on spike is
related to output power, circuit design and PCB layout.
It
is strongly recommended to add a small R-C filter (as
shown in figure 16) for higher power applications to avoid
the CS pin from being damaged by the negative turn-on
spike.
Output Stage and Maximum Duty-Cycle
An output stage of a CMOS buffer, with typical 500mA
driving capability, is incorporated to drive a power
MOSFET directly.
The maximum duty-cycle of LD7576X
series is 75% to avoid the transformer saturation.
Voltage Feedback Loop
The voltage feedback signal is provided from the TL431
on the secondary side through the photo-coupler to the
COMP pin of LD7576X series.
The input stage of
LD7576X series, like the UC384X, is with 2 diodes voltage
offset to feed the voltage divider with 1/3 ratio, that is,
)
V
2
V
(
3
1
)
V
F
COMP
PWM
(
COMPARATOR
−
×
=
+
A pull-high resistor is embedded internally. Generally, an
external capacitor in parallel to photo-coupler is required
in application.
CS
VCC
GND
LD7576X
Can be removed if the negative
spike is not over spec. (-0.3V).
OUT
230ns
blanking
time
Fig. 15
Fig. 16
Oscillator and Switching Frequency
The switching frequency of LD7576X series are fixed at
65KHz and 100KHz internally to provide the optimized
operations in consideration of the EMI performance,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com