Electronic Components Datasheet Search
  English  ▼

X  

LD7576PS Datasheet(PDF) 3 Page - Leadtrend Technology

Part # LD7576PS
Description  Green-Mode PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7576PS Datasheet(HTML) 3 Page - Leadtrend Technology

  LD7576PS Datasheet HTML 1Page - Leadtrend Technology LD7576PS Datasheet HTML 2Page - Leadtrend Technology LD7576PS Datasheet HTML 3Page - Leadtrend Technology LD7576PS Datasheet HTML 4Page - Leadtrend Technology LD7576PS Datasheet HTML 5Page - Leadtrend Technology LD7576PS Datasheet HTML 6Page - Leadtrend Technology LD7576PS Datasheet HTML 7Page - Leadtrend Technology LD7576PS Datasheet HTML 8Page - Leadtrend Technology LD7576PS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LD7576/76H/76J/76K
3
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7576-DS-04a
December 2009
2.
LD7576H/76K features Built-in latch-mode function of OVP on Vcc pin , OLP and On Chip OTP.
3.
LD7576/76J features Built-in Auto-Recovery function of OVP on Vcc pin OLP and On Chip OTP.
Pin Descriptions
PIN
NAME
FUNCTION
1
CT
This pin is to program the frequency of a lower frequency timer.
Connecting a
capacitor to ground sets the OLP delay time.
This pin can be used for latch mode protection as well. By pulling this pin lower than
0.8 V, the controller will be entered latch mode until the AC power-on recycling.
2
COMP
Voltage feedback pin (same as the COMP pin in UC384X). Connecting a
photo-coupler closes the control loop to achieve the regulation. A high quality
ceramic capacitor (X7R), with capacitance of 102pF at least, is required for general
applications.
3
CS
Current sense pin, for sensing the MOSFET current.
4
GND
Ground.
5
OUT
Gate drive output to drive an external MOSFET.
6
VCC
Supply voltage pin.
7
NC
Unconnected Pin.
8
HV
Connect this pin to a positive terminal of a bulk capacitor to provide the startup
current for the controller. When Vcc voltage trips up to the UVLO(on), this HV loop
will be off to save the power loss on the startup circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com