Electronic Components Datasheet Search
  English  ▼

X  

LD7536 Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD7536
Description  Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7536 Datasheet(HTML) 2 Page - Leadtrend Technology

  LD7536 Datasheet HTML 1Page - Leadtrend Technology LD7536 Datasheet HTML 2Page - Leadtrend Technology LD7536 Datasheet HTML 3Page - Leadtrend Technology LD7536 Datasheet HTML 4Page - Leadtrend Technology LD7536 Datasheet HTML 5Page - Leadtrend Technology LD7536 Datasheet HTML 6Page - Leadtrend Technology LD7536 Datasheet HTML 7Page - Leadtrend Technology LD7536 Datasheet HTML 8Page - Leadtrend Technology LD7536 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LD7536
2
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7536-DS-02a December 2011
Pin Configuration
DIP-8 (TOP VIEW)
SOT-26 (TOP VIEW)
YY, Y
: Year code (D: 2004, E: 2005…..)
WW, W : Week code
PP
: Production code
P36
: LD7536
12
3
4
5
6
GND COMP OTP
OUT
VCC
CS
YWP
1
8
2
3
4
7
6
5
TOP MARK
YYWWPP
36
pp
Ordering Information
Part number
Package
Top Mark
Shipping
LD7536 GL
SOT-26
Green Package
YWP/36
3000 /tape & reel
LD7536 GN
DIP-8
Green Package
LD7536 GN
3600 /tube /Carton
Protection Mode
Switching Freq.
VCC OVP
OLP
OTP Pin
65kHz
Latch
Auto recovery/ 65ms
Latch
Pin Descriptions
PIN
SOT-26
PIN
DIP-8
NAME
FUNCTION
1
8
GND
Ground
2
7
COMP
Voltage feedback pin (same as the COMP pin in UC384X). Connect a
photo-coupler to close the control loop and achieve the regulation.
3
5
OTP
Pull this pin below 0.95V to shutdown the controller into latch mode until the AC
resume power-on. Connecting this pin to ground with NTC will achieve OTP
protection. Keep this pin float to disable the latch protection.
4
4
CS
Current sense pin, connect it to sense the MOSFET current
5
2
VCC
Supply voltage pin
6
1
OUT
Gate drive output to drive the external MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com