Electronic Components Datasheet Search
  English  ▼

X  

LD7536 Datasheet(PDF) 10 Page - Leadtrend Technology

Part # LD7536
Description  Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7536 Datasheet(HTML) 10 Page - Leadtrend Technology

Back Button LD7536 Datasheet HTML 6Page - Leadtrend Technology LD7536 Datasheet HTML 7Page - Leadtrend Technology LD7536 Datasheet HTML 8Page - Leadtrend Technology LD7536 Datasheet HTML 9Page - Leadtrend Technology LD7536 Datasheet HTML 10Page - Leadtrend Technology LD7536 Datasheet HTML 11Page - Leadtrend Technology LD7536 Datasheet HTML 12Page - Leadtrend Technology LD7536 Datasheet HTML 13Page - Leadtrend Technology LD7536 Datasheet HTML 14Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LD7536
10
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7536-DS-02a December 2011
Fig. 15
A 230nS leading-edge blanking (LEB) time is included in
the input of CS pin to prevent the false-trigger from the
current spike. In the low power application, if the total
pulse width of the turn-on spikes is less than 230nS and
the negative spike on the CS pin below -0.3V, the R-C
filter is free to eliminate. (As shown in Fig.16).
However, the total pulse width of the turn-on spike is
determined according to output power, circuit design and
PCB layout.
It is strongly recommended to adopt a
smaller R-C filter (as shown in Fig. 17) for larger power
application to avoid the CS pin being damaged by the
negative turn-on spike.
Output Stage and Maximum Duty-Cycle
An output stage of a CMOS buffer, with typical 300mA
driving capability, is incorporated to drive a power
MOSFET directly.
And the maximum duty-cycle of
LD7536 is limited to 75% to avoid the transformer
saturation.
Voltage Feedback Loop
The voltage feedback signal is provided from the TL431 at
the secondary side through the photo-coupler to the
COMP pin of the LD7536.
Similar to UC3842, the
LD7536 would carry a diode voltage offset at the stage to
feed the voltage divider at the ratio of RA and RB, that is,
)
V
V
(
RB
RA
RB
V
F
COMP
)
PWM
(
COMPARATOR
−
×
+
=
−
A pull-high resistor is embedded internally and can be
eliminated externally.
Fig. 16
Fig. 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com