Electronic Components Datasheet Search
  English  ▼

X  

LD7536 Datasheet(PDF) 1 Page - Leadtrend Technology

Part # LD7536
Description  Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7536 Datasheet(HTML) 1 Page - Leadtrend Technology

  LD7536 Datasheet HTML 1Page - Leadtrend Technology LD7536 Datasheet HTML 2Page - Leadtrend Technology LD7536 Datasheet HTML 3Page - Leadtrend Technology LD7536 Datasheet HTML 4Page - Leadtrend Technology LD7536 Datasheet HTML 5Page - Leadtrend Technology LD7536 Datasheet HTML 6Page - Leadtrend Technology LD7536 Datasheet HTML 7Page - Leadtrend Technology LD7536 Datasheet HTML 8Page - Leadtrend Technology LD7536 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LD7536
12/15/2011
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7536-DS-02a December 2011
Green-Mode PWM Controller with Frequency Swapping
and Integrated Protections
Rev. 02a
General Description
The LD7536 is built-in with several functions, protection
and EMI-improved solution in a tiny package. It takes less
components counts or circuit space, especially ideal for
those total solutions of low cost.
The implemented functions include low startup current,
green-mode
power-saving
operation,
leading-edge
blanking of the current sensing and internal slope
compensation.
It also features more protections like
OLP (Over Load Protection) and OVP (Over Voltage
Protection) to prevent circuit damage occurred under
abnormal conditions.
Furthermore, the Frequency Swapping function is to
reduce the noise level and thus helps the power circuit
designers to easily deal with the EMI filter design by
spending minimum amount of component cost and
developing time.
Features
High-Voltage CMOS Process with Excellent ESD
protection
Very Low Startup Current (<20
μA)
Current Mode Control
Green Mode Control
UVLO (Under Voltage Lockout)
LEB (Leading-Edge Blanking) on CS Pin
Internal Frequency Swapping
Internal Slope Compensation
OVP (Over Voltage Protection) on Vcc Pin
OTP (Over Temperature Protection) through a NTC
OLP (Over Load Protection)
300mA Driving Capability
Applications
Switching AC/DC Adaptor and Battery Charger
Open Frame Switching Power Supply
Typical Application


Similar Part No. - LD7536

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7536R LEADTREND-LD7536R Datasheet
327Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536R-GL LEADTREND-LD7536R-GL Datasheet
327Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536R-GN LEADTREND-LD7536R-GN Datasheet
327Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
More results

Similar Description - LD7536

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD9704R LEADTREND-LD9704R Datasheet
699Kb / 14P
Green-Mode PWM Controller with Frequency Swapping with protections and MOSFET Integrated
LD5530 LEADTREND-LD5530 Datasheet
454Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7552B LEADTREND-LD7552B Datasheet
300Kb / 16P
Green-Mode PWM Controller with Integrated Protections
logo
Grenergy Opto, lnc.
GR8835A GRENERGY-GR8835A Datasheet
926Kb / 14P
Green-Mode PWM Controller with Integrated Protections
GR8836 GRENERGY-GR8836 Datasheet
857Kb / 13P
Green-Mode PWM Controller with Integrated Protections
GR8876A GRENERGY-GR8876A Datasheet
896Kb / 15P
Green-Mode PWM Controller with Integrated Protections
logo
List of Unclassifed Man...
LD5530R ETC2-LD5530R Datasheet
538Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
logo
Leadtrend Technology
LD7536R LEADTREND-LD7536R Datasheet
327Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7531 LEADTREND-LD7531 Datasheet
360Kb / 18P
Green-Mode PWM Controller with Frequency Trembling and Integrated Protections
6/25/2008
LD7537 LEADTREND-LD7537 Datasheet
418Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
12/15/2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com