Electronic Components Datasheet Search
  English  ▼

X  

STD2NB60T4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD2NB60T4
Description  N-CHANNEL 600V - 3.3OHM - 2.6A DPAK/IPAK PowerMESHTM MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2NB60T4 Datasheet(HTML) 1 Page - STMicroelectronics

  STD2NB60T4 Datasheet HTML 1Page - STMicroelectronics STD2NB60T4 Datasheet HTML 2Page - STMicroelectronics STD2NB60T4 Datasheet HTML 3Page - STMicroelectronics STD2NB60T4 Datasheet HTML 4Page - STMicroelectronics STD2NB60T4 Datasheet HTML 5Page - STMicroelectronics STD2NB60T4 Datasheet HTML 6Page - STMicroelectronics STD2NB60T4 Datasheet HTML 7Page - STMicroelectronics STD2NB60T4 Datasheet HTML 8Page - STMicroelectronics STD2NB60T4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
April 2004
STD2NB60
STD2NB60-1
N-CHANNEL 600V - 3.3
Ω - 2.6A DPAK/IPAK
PowerMESH™ MOSFET
REV. 2
Table 1. General Features
FEATURES SUMMARY
■ TYPICAL RDS(on) = 3.3 Ω
■ EXTREMELY HIGH dv/dt CAPABILITY
■ 100% AVALANCHE TESTED
■ VERY LOW INTRINSIC CAPACITANCES
■ GATE CHARGE MINIMIZED
DESCRIPTION
Using the latest high voltage MESH OVERLAY™
process, STMicroelectronics has designed an ad-
vanced family of power MOSFETs with outstand-
ing performances. The new patent pending strip
layout coupled with the Company’s proprietary
edge termination structure, gives the lowest
RDS(on) per area, exceptional avalanche and dv/
dt capabilities and unrivalled gate charge and
switching characteristics.
APPLICATIONS
■ SWITCH MODE POWER SUPPLIES (SMPS)
■ DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
Figure 1. Package
Figure 2. Internal Schematic Diagram
Table 2. Order Codes
Type
VDSS
RDS(on)
ID
STD2NB60
600 V
< 3.6
Ω
2.6 A
STD2NB60-1
600 V
< 3.6
Ω
2.6 A
3
2
1
1
3
IPAK
TO-251
DPAK
TO-252
Part Number
Marking
Package
Packaging
STD2NB60T4
D2NB60
DPAK
TAPE & REEL
STD2NB60-1
D2NB60
IPAK
TUBE


Similar Part No. - STD2NB60T4

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD2NB60T4 VBSEMI-STD2NB60T4 Datasheet
1Mb / 9P
Power MOSFET
More results

Similar Description - STD2NB60T4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB3NC60 STMICROELECTRONICS-STB3NC60 Datasheet
94Kb / 9P
N - CHANNEL 600V - 3.3ohm- 3A - D2PAK/I2PAK PowerMESHII MOSFET
Feb-2000
STD1HNC60 STMICROELECTRONICS-STD1HNC60 Datasheet
268Kb / 9P
N-CHANNEL 600V - 4ohm - 2A - IPAK/DPAK PowerMesh™ I MOSFET
Feb-2001
STD1LNC60 STMICROELECTRONICS-STD1LNC60 Datasheet
274Kb / 9P
N-CHANNEL 600V - 12ohm - 1A - IPAK/DPAK PowerMESH™ I MOSFET
Feb-2001
STD1NB60 STMICROELECTRONICS-STD1NB60 Datasheet
66Kb / 6P
N - CHANNEL 600V - 7.4ohm - 1A - IPAK/DPAK PowerMESH MOSFET
Nov-1999
STD1NC60 STMICROELECTRONICS-STD1NC60 Datasheet
280Kb / 9P
N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMesh™ I MOSFET
Dec-2000
STD2NC60 STMICROELECTRONICS-STD2NC60 Datasheet
283Kb / 9P
N-CHANNEL 600V - 3.3ohm - 2A DPAK / IPAK PowerMesh™ II MOSFET
Jan-2001
STD2NM60 STMICROELECTRONICS-STD2NM60 Datasheet
474Kb / 10P
N-CHANNEL 600V - 2.8ohm - 2A DPAK/IPAK Zener-Protected MDmesh™ Power MOSFET
Sep-2002
STD3NC60 STMICROELECTRONICS-STD3NC60 Datasheet
460Kb / 10P
N-CHANNEL 600V - 1.8ohm - 3.2A DPAK / IPAK PowerMesh™ I MOSFET
Aug-2002
STP3NK60Z STMICROELECTRONICS-STP3NK60Z Datasheet
755Kb / 15P
N-CHANNEL 600V - 3.3ohm - 2.4A TO-220/FP/D2PAK/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Jul-2003
STD1NK60 STMICROELECTRONICS-STD1NK60 Datasheet
748Kb / 13P
N-CHANNEL 600V - 8 - 1A DPAK / IPAK / TO-92 SuperMESH Power MOSFET
2003-Jun
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com